Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16E07 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT16E07
Description  120 Segments EPD Driver IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16E07 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT16E07 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Rev. 1.00
13
June 19, 2017
HT16E07
Charge Pump OFF (CPOF) Command
Command
R/W
D/CX
D7
D6
D5
D4
D3
D2
D1
D0
Default
Charge Pump
OFF (CPOF)
0
0
0
0
0
0
0
0
1
0
02h
0
1
—
—
—
—
—
—
SGM_FL VCOM_FL
03h
“—”: Don't care
AfterexecutingachargepumpOFFcommand,BUSY_Nwillbesetto“0”.Thiscommandwillturnoffthecharge
pump,driveroutputandtemperaturesensorbuttheregisterdatawillbekeptuntilVDDOFF.Thechargepump
OFFsequenceisshownbelow.
Thecommanddescriptionsareasfollows:
SGM_FL:SegmentandBGlevelselectionwhenchargepumpOFF
0:SegmentandBG–floatingwhenchargepumpOFF
1:SegmentandBG–groundwhenchargepumpOFF(default)
VCOM_FL:COMlevelselectionwhenchargepumpOFF
0:COM–floatingwhenchargepumpOFF
1:COM–groundwhenchargepumpOFF(default)
Notethatthisactioncouldnotchangethedata_flagstatus.
ThiscommandisonlyactivewhenBUSY_N=“1”.
Afterfinishingapower-onreset,thedriverisinthechargepumpOFFstage.
CPOF
SPI
Internal
Vsync
VDH/VDL
S[1:120], BG
COM
BUSY_N
Based on CPOF setting: 0V or floating
Charge Pump OFF Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com