Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16E07 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT16E07
Description  120 Segments EPD Driver IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16E07 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT16E07 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Rev. 1.00
21
June 19, 2017
HT16E07
PHS_WK[7:0]:(bytes4,7,10,13,16):NumberofPhasestorepeat
PHS_WK[7:0]
Number of Phase
00000000
0
00000001
1
00000010
2
00000011
3
:
:
11111111
255
ThiscommandstoresWhiteBlackLUTusing5groupsofdatawitheachgroupcontaininginformationforone
phaseandbeingstoredwith3bytes.
WhiteBlackmeansthatthepreviouscoloriswhiteandthenewcolorisblack.
ThiscommandonlyactivewhenBUSY_N=“1”.
WhiteWhite LUT (LUT_WW) Command
Command
R/W D/CX
D7
D6
D5
D4
D3
D2
D1
D0
Default
WhiteWhite LUT (LUT_WW)
(16-byte command,
bytes 2~4 repeated 5 times)
0
0
0
0
1
0
0
1
0
0
24h
0
1
LVL_WW1[1:0]
FRM_WW1[5:0]
00h
0
1
LVL_WW2[1:0]
FRM_WW2[5:0]
00h
0
1
PHS_WW[7:0]
00h
Thecommanddescriptionsareasfollows:
LVL_WW1[1:0]:(bytes2,5,8,11,14):Levelselection(1)
LVL_WW2[1:0]:(bytes3,6,9,12,15):Levelselection(2)
LVL_WWx[1:0]
Level(x)
00
VDL
01
VDH
10
0V
11
Floating
FRM_WW1[5:0]:(bytes2,5,8,11,14):NumberofFrames(1)
FRM_WW2[5:0]:(bytes3,6,9,12,15):NumberofFrames(2)
FRM_WWx[5:0]
Number of Frames(x)
000000
0
000001
1
000010
2
000011
3
:
:
111111
63
TheframerateissetbytheFRCcommand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com