Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16E07 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16E07
Description  120 Segments EPD Driver IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16E07 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16E07 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Rev. 1.00
3
June 19, 2017
HT16E07
Pad Dimensions
Item
Pad Number
Size
Unit
X
Y
Chip size
—
4228
850
μm
Chip thickness
—
508 ± 38
μm
Pad pitch
1, 38 ~ 166
27
μm
3 ~ 35, 37
> 86
μm
Bump size
1, 38 ~ 166
15
126
μm
3 ~ 35, 37
68
68
μm
Bump height
All pad
18 ± 3
μm
Alignment Mark Dimensions
Item
Number
Size
Unit
ALIGN_A
2
40μm
20μm
40μm
20μm
(X, Y)
10μm
10μm
μm
ALIGN_B
36
20μm
20μm 20μm 20μm
40μm
(X, Y)
10μm
10μm
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com