Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F002 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT68F002
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F002 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT68F002 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 119 page
background image
Rev. 1.41
48
April 11, 2017
Rev. 1.41
49
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.Notethat
wheremorethanonepackagetypeexiststhetablewillreflectthesituationforthelargerpackage
type.
Register
Reset
(Power On)
WDT Time-out
(Normal
Operation)
RES Reset
(Normal
Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
Program
Counter
●
●
●
000H
000H
000H
000H
000H
MP0
●
●
●
1xxx xxxx
1xxx xxxx
1xxx xxxx
1xxx xxxx
1uuu uuuu
MP1
●
●
●
1xxx xxxx
1xxx xxxx
1xxx xxxx
1xxx xxxx
1uuu uuuu
BP
●
●
●
---- ---0
---- ---0
---- ---0
---- ---0
---- ---u
ACC
●
●
●
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
●
●
●
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
●
●
●
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
●
●
●
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
STATUS
●
●
●
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--1 1 uuuu
SMOD
●
●
●
000 - 0 0 11
000 - 0 0 11
000 - 0 0 11
000 - 0 0 11
uuu - u uuu
LVDC
●
●
●
--00 -000
--00 -000
--00 -000
--00 -000
--uu -uuu
INTEG
●
●
●
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
INTC0
●
●
●
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
●
●
--00 --00
--00 --00
--00 --00
--00 --00
--uu --uu
●
0-00 0-00
0-00 0-00
0-00 0-00
0-00 0-00
u-uu u-uu
MFI0
●
●
●
--00 --00
--00 --00
--00 --00
--00 --00
--uu --uu
MFI1
●
--00 --00
--00 --00
--00 --00
--00 --00
--uu --uu
PA
●
●
●
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
●
●
●
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAPU
●
●
●
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAWU
●
●
●
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
IFS0
●
●
--00 --00
--00 --00
--00 --00
--00 --00
--uu --uu
●
0000 0-00
0000 0-00
0000 0-00
0000 0-00
uuuu u-uu
WDTC
●
●
●
0 10 1 0 011
0 10 1 0 011
0 10 1 0 011
0 10 1 0 011
uuuu uuuu
TBC
●
●
●
001 1 -1 1 1
001 1 -1 1 1
001 1 -1 1 1
001 1 -1 1 1
uuuu –uuu
SMOD1
●
●
●
0--- 0x-0
0--- 0x-0
0--- 0x-0
0--- 0x-0
u--- uu-u
EEA
●
●
●
---0 0000
---0 0000
---0 0000
---0 0000
---u uuuu
EED
●
●
●
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
RSTC
●
●
●
0101 0101
0101 0101
0101 0101
0101 0101
uuuu uuuu
PASR
●
●
-0-0 -0-0
-0-0 -0-0
-0-0 -0-0
-0-0 -0-0
-u-u -u-u
●
000- ----
000- ----
000- ----
000- ----
uuu- ----
PBSR
●
--00 000-
--00 000-
--00 000-
--00 000-
--uu uuu-
STM0C0
●
●
●
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
STM0C1
●
●
●
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
STM0DL
●
●
●
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
STM0DH
●
●
●
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
STM0AL
●
●
●
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
STM0AH
●
●
●
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com