Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F002 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT68F002
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F002 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT68F002 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 53Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 54Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 55Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 56Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 119 page
background image
Rev. 1.41
52
April 11, 2017
Rev. 1.41
53
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
Pin-Shared Functions
Theflexibilityofthemicrocontrollerrangeisgreatlyenhancedbytheuseofpinsthathavemore
thanonefunction.Limitednumbersofpinscanforceseriousdesignconstraintsondesignersbut
bysupplyingpinswithmulti-functions,manyofthesedifficultiescanbeovercome.Thewayin
whichthepinfunctionofeachpinisselectedisdifferentforeachfunctionandapriorityorderis
establishedwheremorethanonepinfunctionisselectedsimultaneously.Additionallythereare
aPASRandaPBSRregistertoestablishcertainpinfunctions.Generallyspeaking,theanalog
functionhashigherprioritythanthedigitalfunction.However,ifmorethantwoanalogfunctions
areenabledandtheanalogsignalinputcomesfromthesameexternalpin,theanaloginputwillbe
internallyconnectedtoalloftheseactiveanalogfunctionalmodules.
Pin-shared Registers
Thelimitednumberofsuppliedpinsinapackagecanimposerestrictionsontheamountoffunctions
acertaindevicecancontain.Howeverbyallowingthesamepinstoshareseveraldifferentfunctions
andprovidingameansoffunctionselection,awiderangeofdifferentfunctionscanbeincorporated
intoevenrelativelysmallpackagesizes.
• PASR Register – HT68F002/HT68F0025
Bit
7
6
5
4
3
2
1
0
Name
—
PAS6
—
PAS4
—
PAS2
—
PAS0
R/W
—
R/W
—
R/W
—
R/W
—
R/W
POR
—
0
—
0
—
0
—
0
Bit7
Unimplemented,readas"0"
Bit6
PAS6:Pin-SharedControlBit
0:PA5/INT
1:STP0B
Bit5
Unimplemented,readas"0"
Bit4
PAS4:Pin-SharedControlBits
0:PA2/INT
1:STP0
Bit3
Unimplemented,readas"0"
Bit2
PAS2:Pin-SharedControlBit
0:PA1
1:STP0B
Bit1
Unimplemented,readas"0"
Bit0
PAS0:Pin-SharedControlBit
0:PA0/STP0I
1:STP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com