Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F002 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT68F002
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F002 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT68F002 Datasheet HTML 28Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 29Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 30Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 31Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 119 page
background image
Rev. 1.41
32
April 11, 2017
Rev. 1.41
33
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
Oscillators
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Twofullyintegratedinternaloscillators,requiring
noexternalcomponents,areprovidedtoformawiderangeofbothfastandslowsystemoscillators.
Thehigherfrequencyoscillatorprovideshigherperformancebutcarrywithitthedisadvantageof
higherpowerrequirements,whiletheoppositeisofcoursetrueforthelowerfrequencyoscillator.
Withthecapabilityofdynamicallyswitchingbetweenfastandslowsystemclock,thesedevices
havetheflexibilitytooptimizetheperformance/powerratio,afeatureespeciallyimportantinpower
sensitiveportableapplications.
Type
Name
Freq.
Internal High Speed RC
HIRC
8MHz
Internal Low Speed RC
LIRC
32kHz
Oscillator Types
System Clock Configurations
Therearetwomethodsofgeneratingthesystemclock,ahighspeedoscillatorandalowspeed
oscillator.Thehighspeedoscillatoristheinternal8MHzRCoscillator.Thelowspeedoscillatoris
theinternal32kHzRCoscillator.Selectingwhethertheloworhighspeedoscillatorisusedasthe
systemoscillatorisimplementedusingtheHLCLKbitandCKS2~CKS0bitsintheSMODregister
andasthesystemclockcanbedynamicallyselected.
HIRC
Prescaler
fH
LIRC
Low Speed Oscillator
fH/2
fH/16
fH/64
fH/8
fH/4
fH/32
HLCLK
CKS2~CKS0 bits
fSYS
fL
High Speed Oscillator
System Clock Configurations
Internal RC Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
The internal RC oscillator has a fixed frequency of 8MHz. Device trimming during the
manufacturingprocessandtheinclusionofinternalfrequencycompensationcircuitsareusedto
ensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocessvariationsonthe
oscillationfrequencyareminimised.Asaresult,atapowersupplyof5Vandattemperatureof25°C
degrees,thefixedoscillationfrequencyoftheHIRCwillhaveatolerancewithin2%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com