Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F003 Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT68F003
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F003 Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT68F003 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 83Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 84Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 85Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 86Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 87Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 88Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 119 page
background image
Rev. 1.41
84
April 11, 2017
Rev. 1.41
85
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
Single Pulse Output Mode
Toselectthismode,therequiredbitpairs,PT1M1andPT1M0shouldbesetto10respectivelyand
alsothecorrespondingPT1IO1andPT1IO0bitsshouldbesetto11respectively.TheSinglePulse
OutputMode,asthenamesuggests,willgenerateasingleshotpulseontheTMoutputpin.
ThetriggerforthepulseoutputleadingedgeisalowtohightransitionofthePT1ONbit,which
canbeimplementedusingtheapplicationprogram.HoweverintheSinglePulseMode,thePT1ON
bitcanalsobemadetoautomaticallychangefromlowtohighusingtheexternalPTCK1pin,
whichwillinturninitiatetheSinglePulseoutput.WhenthePT1ONbittransitionstoahighlevel,
thecounterwillstartrunningandthepulseleadingedgewillbegenerated.ThePT1ONbitshould
remainhighwhenthepulseisinitsactivestate.Thegeneratedpulsetrailingedgewillbegenerated
whenthePT1ONbitisclearedtozero,whichcanbeimplementedusingtheapplicationprogramor
whenacomparematchoccursfromComparatorA.
HoweveracomparematchfromComparatorAwillalsoautomaticallyclearthePT1ONbitandthus
generatetheSinglePulseoutputtrailingedge.InthiswaytheCCRAvaluecanbeusedtocontrol
thepulsewidth.AcomparematchfromComparatorAwillalsogenerateTMinterrupts.Thecounter
canonlyberesetbacktozerowhenthePT1ONbitchangesfromlowtohighwhenthecounter
restarts.IntheSinglePulseModeCCRPisnotused.ThePT1CCLRbitisalsonotused.
S/W Command
SET“PT1ON”
or
PTCK1 Pin
Transition
Trailing Edge
S/W Command
CLR“PT1ON”
or
CCRA Compare
Match
PTP1/PTP1B Output Pin
Pulse Width = CCRA Value
Leading Edge
PT1ON bit
0 → 1
PT1ON bit
1 → 0
Single Pulse Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com