Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F003 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT68F003
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F003 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT68F003 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 20Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 24Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 119 page
background image
Rev. 1.41
20
April 11, 2017
Rev. 1.41
21
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
RAM Data Memory
TheDataMemoryisavolatileareaof8-bitwideRAMinternalmemoryandisthelocationwhere
temporaryinformationisstored.
Structure
Dividedintotwosections,thefirstoftheseisanareaofRAM,knownastheSpecialFunctionData
Memory.Herearelocatedregisterswhicharenecessaryforcorrectoperationofthedevice.Many
oftheseregisterscanbereadfromandwrittentodirectlyunderprogramcontrol,however,some
remainprotectedfromusermanipulation.ThesecondareaofDataMemoryisknownastheGeneral
PurposeDataMemory,whichisreservedforgeneralpurposeuse.Alllocationswithinthisareaare
readandwriteaccessibleunderprogramcontrol.
TheoverallDataMemoryissubdividedintotwobanks.TheSpecialPurposeDataMemoryregisters
areaccessibleinallbanks,withtheexceptionoftheEECregisterataddress40H,whichisonly
accessibleinBank1.SwitchingbetweenthedifferentDataMemorybanksisachievedbysettingthe
BankPointertothecorrectvalue.ThestartaddressoftheDataMemoryforalldevicesistheaddress
00H.
General Purpose Data Memory
Thereis64×8bytesofgeneralpurposedatamemorywhicharearrangedin40H~7FHofBank0and
Bank1.Allmicrocontrollerprogramsrequireanareaofread/writememorywheretemporarydata
canbestoredandretrievedforuselater.ItisthisareaofRAMmemorythatisknownasGeneral
PurposeDataMemory.ThisareaofDataMemoryisfullyaccessiblebytheuserprogramingfor
bothreadingandwritingoperations.Byusingthebitoperationinstructionsindividualbitscanbeset
orresetunderprogramcontrolgivingtheuseralargerangeofflexibilityforbitmanipulationinthe
DataMemory.
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue"00H".
Device
Capacity
Bank 0
Bank 1
HT68F002
HT68F0025
HT68F003
64×8
40H~7FH
40H EEC register only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com