Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F003 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT68F003
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F003 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT68F003 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
Rev. 1.41
12
April 11, 2017
Rev. 1.41
13
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
LVR&LVD Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Operating Voltage
—
—
1.9
—
5.5
V
VLVR
Low Voltage Reset Voltage
— LVR Enable, 2.1V option
-5%
2.1
+5%
V
VLVD
Low Voltage Detector Voltage
—
ENLVD = 1, VLVD = 2.0V
-5%
2.0
+5%
V
ENLVD = 1, VLVD = 2.2V
2.2
V
ENLVD = 1, VLVD = 2.4V
2.4
V
ENLVD = 1, VLVD = 2.7V
2.7
V
ENLVD = 1, VLVD = 3.0V
3.0
V
ENLVD = 1, VLVD = 3.3V
3.3
V
ENLVD = 1, VLVD = 3.6V
3.6
V
ENLVD = 1, VLVD = 4.0V
4.0
V
tLVR
Low Voltage Width to Reset
—
—
160
320
640
μs
tLVDS
LVDO stable time
— For LVR enable, LVD off→on
—
—
15
μs
— For LVR disable, LVD off→on
—
—
150
μs
Power on Reset Electrical Characteristics
Ta = 25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure Power-on Reset
—
—
—
—
100
mV
RRPOR
VDD Rising Rate to Ensure Power-on Reset
—
—
0.035
—
—
V/ms
tPOR
Minimum Time for VDD Stays at VPOR to
Ensure Power-on Reset
—
—
1
—
—
ms
Ti me
V DD
V PO R
RR PO R
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com