Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F240 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 9Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 12Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 13Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 14Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 172 page
background image
Rev. 1.20
12
�a��� 2�� 201�
Rev. 1.20
13
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
ISTB1
Standby Cu��ent (SLEEP0)
(fSYS=off� fSUB=fRTC o� fLIRC)
3V
No load� system HALT� WDT disable
─
0.1
1
μA
�V
─
0.3
2
μA
ISTB2
Standby Cu��ent (SLEEP1)
(fSYS=off� fSUB=fRTC/fLIRC)
3V No load� system HALT� WDT disable�
LXTLP=1
─
2
3
μA
�V
─
3
�
μA
ISTB3
Standby Cu��ent (IDLE0)
(fSYS=off� fSUB=fLIRC)
3V
No load� system HALT� WDT disable
─
3
�
μA
�V
─
�
10
μA
ISTB4
Standby Cu��ent (IDLE0)
(fSYS=off� fSUB=fRTC)
3V No load� system HALT� WDT disable�
LXTLP=1
─
2
4
μA
�V
─
4
8
μA
ISTB�
Standby Cu��ent (IDLE1)
(HXT/HIRC� fSYS=fH�
fSUB=fRTC o� fLIRC)
3V No load� system HALT� WDT enable�
fSYS=4�Hz� FSYSON=1
─
1�0
200
μA
�V
─
200
400
μA
ISTB6
Standby Cu��ent (IDLE1)
(HXT/HIRC� fSYS=fH�
fSUB=fRTC o� fLIRC)
3V No load� system HALT� WDT enable�
fSYS=8�Hz� FSYSON=1
─
300
400
μA
�V
─
400
600
μA
ISTB7
Standby Cu��ent (IDLE1)
(HXT/HIRC� fSYS=fH�
fSUB=fRTC o� fLIRC)
3V No load� system HALT� WDT enable�
fSYS=12�Hz� FSYSON=1
─
4�0
600
μA
�V
─
600
900
μA
VIL1
Input Low Voltage
─
─
0V
─
0.3VDD
V
VIH1
Input Hig� Voltage
─
0.7VDD
─
VDD
V
VSEGH
Softwa�e LCD Segment
Output Hig�
─
No load
0.64�
VDD
0.67
VDD
0.69�
VDD
V
VSEGL
Softwa�e LCD Segment
Output Low
─
No load
0.30�
VDD
0.33
VDD
0.3��
VDD
V
IOL
I/O Po�t Sink Cu��ent
3V VOL=0.1VDD
6
12
─
mA
�V VOL=0.1VDD
16
32
─
mA
IOH1
I/O Po�t Sou��e Cu��ent
(PA0 & PA2)
3V VOH=0.9VDD
-3
-6
─
mA
�V VOH=0.9VDD
-8
-16
─
mA
IOH2
I/O Po�t Sou��e Cu��ent
(Ex�ept PA0/PA2)
3V V
OH
=0.9VDD� PXPSn[m+1:m]=00;
n=0� 1; m=0� 2� 4� 6
-1.0
-2.0
—
mA
�V V
OH
=0.9VDD� PXPSn[m+1:m]=00;
n=0� 1; m=0� 2� 4� 6
-2.�
-�.0
—
mA
3V V
OH
=0.9VDD� PXPSn[m+1:m]=01;
n=0� 1; m=0� 2� 4� 6
-1.�
-3.0
—
mA
�V V
OH
=0.9VDD� PXPSn[m+1:m]=01;
n=0� 1; m=0� 2� 4� 6
-4.0
-8.0
—
mA
3V V
OH
=0.9VDD� PXPSn[m+1:m]=10;
n=0� 1; m=0� 2� 4� 6
-2.�
-�.0
—
mA
�V V
OH
=0.9VDD� PXPSn[m+1:m]=10;
n=0� 1; m=0� 2� 4� 6
-6.0
-12.0
—
mA
3V V
OH
=0.9VDD� PXPSn[m+1:m]=11;
n=0� 1; m=0� 2� 4� 6
-�.0
-10.0
—
mA
�V V
OH
=0.9VDD� PXPSn[m+1:m]=11;
n=0� 1; m=0� 2� 4� 6
-13
-26
—
mA
ISLCD
Softwa�e LCD D�ive�
Ope�ating Cu��ent
�V
ISEL[1:0]=00
�
8
11
μA
ISEL[1:0]=01
10
16
22
μA
ISEL[1:0]=10
3�
�0
6�
μA
ISEL[1:0]=11
70
100
130
μA
RPH
Pull-�ig� Resistan�e of I/O
Po�ts
3V
─
20
60
100
kΩ
�V
─
10
30
�0
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com