Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F240 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 36Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 37Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 38Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 39Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 40Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 41Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 42Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 172 page
background image
Rev. 1.20
38
�a��� 2�� 201�
Rev. 1.20
39
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Bit2
HTO:Highspeedsystemoscillatorreadyflag
0:Notready
1:Ready
Thisisthehighspeedsystemoscillatorreadyflagwhichindicateswhenthehighspeed
systemoscillatorisstable.Thisflagisclearedto"0"byhardwarewhenthedeviceis
poweredonandthenchangestoahighlevelafterthehighspeedsystemoscillatoris
stable.Thereforethisflagwillalwaysbereadas"1"bytheapplicationprogramafter
devicepower-on.TheflagwillbelowwhenintheSLEEPorIDLE0Modebutafter
awake-uphasoccurred,theflagwillchangetoahighlevelafter1024clockcyclesif
theHXToscillatorisused.
bit1
IDLEN:IDLEModecontrol
0:Disable
1:Enable
ThisistheIDLEModeControlbitanddetermineswhathappenswhentheHALT
instructionisexecuted.Ifthisbitishigh,whenaHALTinstructionisexecutedthe
devicewillentertheIDLEMode.IntheIDLE1ModetheCPUwillstoprunning
butthesystemclockwillcontinuetokeeptheperipheralfunctionsoperational,if
FSYSONbitishigh.IfFSYSONbitislow,theCPUandthesystemclockwillallstop
inIDLE0mode.IfthebitislowthedevicewillentertheSLEEPModewhenaHALT
instructionisexecuted.
bit0
HLCLK:Systemclockselection
0:fH/2~fH/64orfSUB
1:fH
ThisbitisusedtoselectifthefHclockorthefH/2~fH/64orfSUBclockisusedas
thesystemclock.WhenthebitishighthefHclockwillbeselectedandiflowthe
fH/2~fH/64orfSUBclockwillbeselected.WhensystemclockswitchesfromthefHclock
tothefSUBclockandthefHclockwillbeautomaticallyswitchedofftoconservepower.
SMOD1 Register
Bit
7
6
5
4
3
2
1
0
Name
FSYSON
—
—
—
RSTF
LVRF
LRF
WRF
R/W
R/W
—
—
—
R/W
R/W
R/W
R/W
POR
0
—
—
—
0
x
0
0
"x" unknown
Bit7
FSYSON:fSYSControlinIDLEMode
0:Disable
1:Enable
Bit6~4
Unimplemented,readas"0"
Bit3
RSTF:RSTCControlregistersoftwareresetflag
0:Notoccurred
1:Occurred
Thisbitissetto1iftheRSTCregistercontainsanyundefinedRSTCregistervalues.
Thisineffectactslikeasoftware-resetfunction.Thisbitcanonlybeclearedto0by
theapplicationprogram.
Bit2
LVRF:LVRfunctionresetflag
0:Notoccurred
1:Occurred
Thisbitissetto1whenaspecificLowVoltageResetsituationoccurs.Thisbitcan
onlybeclearedto0bytheapplicationprogram.
Bit1
LRF:LVRControlregistersoftwareresetflag
0:Notoccurred
1:Occurred
Thisbitissetto1iftheLVRCregistercontainsanynondefinedLVRvoltageregister
values.Thisineffectactslikeasoftware-resetfunction.Thisbitcanonlybeclearedto
0bytheapplicationprogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com