Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F240 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 28Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 29Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 30Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 31Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 32Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 33Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 34Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 172 page
background image
Rev. 1.20
32
�a��� 2�� 201�
Rev. 1.20
33
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Oscillator
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughacombinationofconfigurationoptionsandregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Externaloscillatorsrequiringsomeexternal
componentsaswellasfullyintegratedinternaloscillators,requiringnoexternalcomponents,
areprovidedtoformawiderangeofbothfastandslowsystemoscillators.Alloscillatoroptions
areselectedthroughtheconfigurationoptions.Thehigherfrequencyoscillatorsprovidehigher
performancebutcarrywithitthedisadvantageofhigherpowerrequirements,whiletheopposite
isofcoursetrueforthelowerfrequencyoscillators.Withthecapabilityofdynamicallyswitching
betweenfastandslowsystemclock,thedevicehastheflexibilitytooptimizetheperformance/power
ratio,afeatureespeciallyimportantinpowersensitiveportableapplications.
Type
Name
Freq.
Pins
Exte�nal C�ystal
HXT
400kHz~16�Hz
OSC1/OSC2
Inte�nal Hig� Speed RC
HIRC
4� 8 o� 12�Hz
—
Exte�nal Low Speed C�ystal
LXT
32.768kHz
XT1/XT2
Inte�nal Low Speed RC
LIRC
32kHz
—
Oscillator Types
System Clock Configurations
Therearefourmethodsofgeneratingthesystemclock,twohighspeedoscillatorsandtwolow
speedoscillators.Thehighspeedoscillatorsareistheexternalcrystal/ceramicoscillatorandthe
internal4MHz,8MHzor12MHzRCoscillator.Thetwolowspeedoscillatorsaretheinternal32kHz
RCoscillatorandtheexternal32.768kHzcrystaloscillator.Selectingwhethertheloworhighspeed
oscillatorisusedasthesystemoscillatorisimplementedusingtheHLCLKbitandCKS2~CKS0
bitsintheSMODregisterandasthesystemclockcanbedynamicallyselected.
HXT
HIRC
Prescaler
fH
LIRC
LXT
HighSpeedOscillation
(HOSC)
LowSpeedOscillation
(LOSC)
fH/2
fH/16
fH/64
fH/8
fH/4
fH/32
HighSpeedOscillation
ConfigurationOption
LowSpeedOscillation
ConfigurationOption
CKS[2:0], HLCLK
fSYS
FastWake-upfromSLEEPModeor
IDLEModeControl(forHXTonly)
fSYS/4
fSUB
fTB
WDT
TimeBase
TBCK
fSUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com