Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104PDA Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F104PDA
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PDA Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F104PDA Datasheet HTML 9Page - Renesas Technology Corp R5F104PDA Datasheet HTML 10Page - Renesas Technology Corp R5F104PDA Datasheet HTML 11Page - Renesas Technology Corp R5F104PDA Datasheet HTML 12Page - Renesas Technology Corp R5F104PDA Datasheet HTML 13Page - Renesas Technology Corp R5F104PDA Datasheet HTML 14Page - Renesas Technology Corp R5F104PDA Datasheet HTML 15Page - Renesas Technology Corp R5F104PDA Datasheet HTML 16Page - Renesas Technology Corp R5F104PDA Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 13 of 208
Aug 12, 2016
1.3.4
40-pin products
• 40-pin plastic HWQFN (6 × 6 mm, 0.5 mm pitch)
Note
Mounted on the 96 KB or more code flash memory products.
Caution
Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
Remark 3.
It is recommended to connect an exposed die pad to VSS.
20
19
18
17
16
15
14
13
12
11
31
32
33
34
35
36
37
38
39
40
exposed die pad
P26/ANI6
P25/ANI5
P24/ANI4
P23/ANI3/ANO1
Note
P22/ANI2/ANO0
Note
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P01/TO00/RxD1/TRGCLKB/TRJIO0
P00/TI00/TxD1/TRGCLKA/(TRJO0)
P120/ANI19/VCOUT0
Note
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0)
P30/INTP3/RTC1HZ/SCK00/SCL00/TRJO0
P70/KR0/SCK21/SCL21
P71/KR1/SI21/SDA21
P72/KR2/SO21
P73/KR3
P31/TI03/TO03/INTP4/PCLBUZ0/(TRJIO0)
P62/SSI00
P61/SDAA0
P60/SCLA0
1 234 56 78 9 10
3029 28 27 26 25 24 23 22 21
RL78/G14
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com