Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104PDA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F104PDA
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PDA Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F104PDA Datasheet HTML 1Page - Renesas Technology Corp R5F104PDA Datasheet HTML 2Page - Renesas Technology Corp R5F104PDA Datasheet HTML 3Page - Renesas Technology Corp R5F104PDA Datasheet HTML 4Page - Renesas Technology Corp R5F104PDA Datasheet HTML 5Page - Renesas Technology Corp R5F104PDA Datasheet HTML 6Page - Renesas Technology Corp R5F104PDA Datasheet HTML 7Page - Renesas Technology Corp R5F104PDA Datasheet HTML 8Page - Renesas Technology Corp R5F104PDA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 2 of 208
Aug 12, 2016
ROM, RAM capacities
The flash library uses RAM in self-programming and rewriting of the data flash memory.
The target products and start address of the RAM areas used by the flash library are shown below.
R5F104xD (x = A to C, E to G, J, L): Start address FE900H
R5F104xE (x = A to C, E to G, J, L): Start address FE900H
R5F104xJ (x = F, G, J, L, M, P): Start address F9F00H
R5F104xL (x = G, L, M, P): Start address F3F00H
For the RAM areas used by the flash library, see Self RAM list of Flash Self-Programming Library for RL78 Family
(R20UT2944)
.
Flash ROM
Data flash
RAM
RL78/G14
30 pins
32 pins
36 pins
40 pins
192 KB
8 KB
20 KB
—
—
—
R5F104EH
128 KB
8 KB
16 KB
R5F104AG
R5F104BG
R5F104CG
R5F104EG
96 KB
8 KB
12 KB
R5F104AF
R5F104BF
R5F104CF
R5F104EF
64 KB
4 KB
5.5 KB Note
R5F104AE
R5F104BE
R5F104CE
R5F104EE
48 KB
4 KB
5.5 KB Note
R5F104AD
R5F104BD
R5F104CD
R5F104ED
32 KB
4 KB
4 KB
R5F104AC
R5F104BC
R5F104CC
R5F104EC
16 KB
4 KB
2.5 KB
R5F104AA
R5F104BA
R5F104CA
R5F104EA
Flash ROM
Data flash
RAM
RL78/G14
44 pins
48 pins
52 pins
64 pins
512 KB
8 KB
48 KB Note
—
R5F104GL
—
R5F104LL
384 KB
8 KB
32 KB
—
R5F104GK
—
R5F104LK
256 KB
8 KB
24 KB Note
R5F104FJ
R5F104GJ
R5F104JJ
R5F104LJ
192 KB
8 KB
20 KB
R5F104FH
R5F104GH
R5F104JH
R5F104LH
128 KB
8 KB
16 KB
R5F104FG
R5F104GG
R5F104JG
R5F104LG
96 KB
8 KB
12 KB
R5F104FF
R5F104GF
R5F104JF
R5F104LF
64 KB
4 KB
5.5 KB Note
R5F104FE
R5F104GE
R5F104JE
R5F104LE
48 KB
4 KB
5.5 KB Note
R5F104FD
R5F104GD
R5F104JD
R5F104LD
32 KB
4 KB
4 KB
R5F104FC
R5F104GC
R5F104JC
R5F104LC
16 KB
4 KB
2.5 KB
R5F104FA
R5F104GA
—
—
Flash ROM
Data flash
RAM
RL78/G14
80 pins
100 pins
512 KB
8 KB
48 KB Note
R5F104ML
R5F104PL
384 KB
8 KB
32 KB
R5F104MK
R5F104PK
256 KB
8 KB
24 KB Note
R5F104MJ
R5F104PJ
192 KB
8 KB
20 KB
R5F104MH
R5F104PH
128 KB
8 KB
16 KB
R5F104MG
R5F104PG
96 KB
8 KB
12 KB
R5F104MF
R5F104PF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com