Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104PDA Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F104PDA
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PDA Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F104PDA Datasheet HTML 15Page - Renesas Technology Corp R5F104PDA Datasheet HTML 16Page - Renesas Technology Corp R5F104PDA Datasheet HTML 17Page - Renesas Technology Corp R5F104PDA Datasheet HTML 18Page - Renesas Technology Corp R5F104PDA Datasheet HTML 19Page - Renesas Technology Corp R5F104PDA Datasheet HTML 20Page - Renesas Technology Corp R5F104PDA Datasheet HTML 21Page - Renesas Technology Corp R5F104PDA Datasheet HTML 22Page - Renesas Technology Corp R5F104PDA Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 19 of 208
Aug 12, 2016
• 64-pin plastic FLGA (5
× 5 mm, 0.5 mm pitch)
Note 1.
Mounted on the 96 KB or more code flash memory products.
Note 2.
Mounted on the 384 KB or more code flash memory products.
Caution 1. Make EVSS0 pin the same potential as VSS pin.
Caution 2. Make VDD pin the potential that is higher than EVDD0 pin.
Caution 3. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD and EVDD0 pins and connect the VSS and EVSS0 pins to
separate ground lines.
Remark 3.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
AB
C
D
E
F
G
H
8
EVDD0
EVSS0
P121/X1
P122/X2/
EXCLK
P137/INTP0
P123/XT1
P124/XT2/
EXCLKS
P120/ANI19/
VCOUT0 Note 1
8
7
P60/SCLA0
VDD
VSS
REGC
RESET
P01/TO00/
TRGCLKB/
TRJIO0
P00/TI00/
TRGCLKA/
(TRJO0)
P140/
PCLBUZ0/
INTP6
7
6
P61/SDAA0
P62/SSI00
P63
P40/TOOL0
P41/(TRJIO0)
P43/(INTP9)
P02/ANI17/
SO10/TxD1
P141/
PCLBUZ1/
INTP7
6
5
P77/KR7/
INTP11/(TXD2)
P31/TI03/
TO03/INTP4/
(PCLBUZ0)/
(TRJIO0)
P53/(INTP2)
P42/(INTP8)
P03/ANI16/
SI10/RxD1/
SDA10
P04/SCK10/
SCL10
P130
P20/ANI0/
AVREFP
5
4
P75/KR5/
INTP9/
SCK01/
SCL01
P76/KR6/
INTP10/
(RXD2)
P52/(INTP1)
P54/(INTP3)
P16/TI01/
TO01/INTP5/
TRDIOC0/
IVREF0 Note 1/
(SI00)/(RXD0)
P21/ANI1/
AVREFM
P22/ANI2/
ANO0 Note 1
P23/ANI3/
ANO1 Note 1
4
3
P70/KR0/
SCK21/
SCL21
P73/KR3/
SO01
P74/KR4/
INTP8/SI01/
SDA01
P17/TI02/TO02/
TRDIOA0/
TRDCLK/
IVCMP0 Note 1/
(SO00)/(TXD0)
P15/SCK20/
SCL20/
TRDIOB0/
(SDAA0)
P12/SO11/
TRDIOB1/
IVREF1 Note 1/
(INTP5)/
(TxD0_1) Note 2
P24/ANI4
P26/ANI6
3
2
P30/INTP3/
RTC1HZ/
SCK00/
SCL00/TRJO0
P72/KR2/
SO21
P71/KR1/
SI21/SDA21
P06/(INTP11)/
(TRJIO0)
P14/RxD2/
SI20/SDA20/
TRDIOD0/
(SCLA0)
P11/SI11/
SDA11/
TRDIOC1/
(RxD0_1) Note 2
P25/ANI5
P27/ANI7
2
1
P05/(INTP10)
P50/INTP1/
SI00/RxD0/
TOOLRxD/
SDA00/
TRGIOA/
(TRJO0)
P51/INTP2/
SO00/TxD0/
TOOLTxD/
TRGIOB
P55/
(PCLBUZ1)/
(SCK00)/
(INTP4)
P13/TxD2/
SO20/
TRDIOA1/
IVCMP1 Note 1
P10/SCK11/
SCL11/
TRDIOD1
P146
P147/ANI18/
VCOUT1 Note 1
1
AB
C
D
E
F
G
H
1
HG F E D C B A
2
3
4
5
6
7
8
A B CDE F G H
Top View
Bottom View
INDEX MARK
RL78/G14
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com