Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 167Page - Renesas Technology Corp R5F100GC Datasheet HTML 168Page - Renesas Technology Corp R5F100GC Datasheet HTML 169Page - Renesas Technology Corp R5F100GC Datasheet HTML 170Page - Renesas Technology Corp R5F100GC Datasheet HTML 171Page - Renesas Technology Corp R5F100GC Datasheet HTML 172Page - Renesas Technology Corp R5F100GC Datasheet HTML 173Page - Renesas Technology Corp R5F100GC Datasheet HTML 174Page - Renesas Technology Corp R5F100GC Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 171 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(3) When reference voltage (+) = VDD (ADREFP1 = 0, ADREFP0 = 0), reference voltage (
) = VSS (ADREFM =
0), target pin : ANI0 to ANI14, ANI16 to ANI26, internal reference voltage, and temperature sensor output
voltage
(TA =
40 to +105C, 2.4 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V, Reference voltage (+) =
VDD, Reference voltage (
) = VSS)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
Overall error
Note 1
AINL
10-bit resolution
2.4 V
 VDD  5.5 V
1.2
7.0
LSB
3.6 V
 VDD  5.5 V
2.125
39
s
2.7 V
 VDD  5.5 V
3.1875
39
s
10-bit resolution
Target pin: ANI0 to ANI14,
ANI16 to ANI26
2.4 V
 VDD  5.5 V
17
39
s
3.6 V
 VDD  5.5 V
2.375
39
s
2.7 V
 VDD  5.5 V
3.5625
39
s
Conversion time
tCONV
10-bit resolution
Target pin: Internal reference
voltage, and temperature
sensor output voltage (HS
(high-speed main) mode)
2.4 V
 VDD  5.5 V
17
39
s
Zero-scale error
Notes 1, 2
EZS
10-bit resolution
2.4 V
 VDD  5.5 V
0.60
%FSR
Full-scale error
Notes 1, 2
EFS
10-bit resolution
2.4 V
 VDD  5.5 V
0.60
%FSR
Integral linearity error
Note 1
ILE
10-bit resolution
2.4 V
 VDD  5.5 V
4.0
LSB
Differential linearity error
Note 1
DLE
10-bit resolution
2.4 V
 VDD  5.5 V
2.0
LSB
ANI0 to ANI14
0
VDD
V
ANI16 to ANI26
0
EVDD0
V
Internal reference voltage output
(2.4 V
 VDD  5.5 V, HS (high-speed main) mode)
VBGR
Note 3
V
Analog input voltage
VAIN
Temperature sensor output voltage
(2.4 V
 VDD  5.5 V, HS (high-speed main) mode)
VTMPS25
Note 3
V
Notes 1. Excludes quantization error (
1/2 LSB).
2. This value is indicated as a ratio (%FSR) to the full-scale value.
3. Refer to 3.6.2 Temperature sensor/internal reference voltage characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com