Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 170Page - Renesas Technology Corp R5F100GC Datasheet HTML 171Page - Renesas Technology Corp R5F100GC Datasheet HTML 172Page - Renesas Technology Corp R5F100GC Datasheet HTML 173Page - Renesas Technology Corp R5F100GC Datasheet HTML 174Page - Renesas Technology Corp R5F100GC Datasheet HTML 175Page - Renesas Technology Corp R5F100GC Datasheet HTML 176Page - Renesas Technology Corp R5F100GC Datasheet HTML 177Page - Renesas Technology Corp R5F100GC Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 174 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
3.6.4 LVD circuit characteristics
LVD Detection Voltage of Reset Mode and Interrupt Mode
(TA =
40 to +105C, VPDR  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply rise time
3.90
4.06
4.22
V
VLVD0
Power supply fall time
3.83
3.98
4.13
V
Power supply rise time
3.60
3.75
3.90
V
VLVD1
Power supply fall time
3.53
3.67
3.81
V
Power supply rise time
3.01
3.13
3.25
V
VLVD2
Power supply fall time
2.94
3.06
3.18
V
Power supply rise time
2.90
3.02
3.14
V
VLVD3
Power supply fall time
2.85
2.96
3.07
V
Power supply rise time
2.81
2.92
3.03
V
VLVD4
Power supply fall time
2.75
2.86
2.97
V
Power supply rise time
2.70
2.81
2.92
V
VLVD5
Power supply fall time
2.64
2.75
2.86
V
Power supply rise time
2.61
2.71
2.81
V
VLVD6
Power supply fall time
2.55
2.65
2.75
V
Power supply rise time
2.51
2.61
2.71
V
Detection
voltage
Supply voltage level
VLVD7
Power supply fall time
2.45
2.55
2.65
V
Minimum pulse width
tLW
300
s
Detection delay time
300
s
LVD Detection Voltage of Interrupt & Reset Mode
(TA =
40 to +105C, VPDR  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VLVDD0
VPOC2, VPOC1, VPOC0 = 0, 1, 1, falling reset voltage
2.64
2.75
2.86
V
Rising release reset
voltage
2.81
2.92
3.03
V
VLVDD1
LVIS1, LVIS0 = 1, 0
Falling interrupt voltage
2.75
2.86
2.97
V
Rising release reset
voltage
2.90
3.02
3.14
V
VLVDD2
LVIS1, LVIS0 = 0, 1
Falling interrupt voltage
2.85
2.96
3.07
V
Rising release reset
voltage
3.90
4.06
4.22
V
Interrupt and reset
mode
VLVDD3
LVIS1, LVIS0 = 0, 0
Falling interrupt voltage
3.83
3.98
4.13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com