Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 174Page - Renesas Technology Corp R5F100GC Datasheet HTML 175Page - Renesas Technology Corp R5F100GC Datasheet HTML 176Page - Renesas Technology Corp R5F100GC Datasheet HTML 177Page - Renesas Technology Corp R5F100GC Datasheet HTML 178Page - Renesas Technology Corp R5F100GC Datasheet HTML 179Page - Renesas Technology Corp R5F100GC Datasheet HTML 180Page - Renesas Technology Corp R5F100GC Datasheet HTML 181Page - Renesas Technology Corp R5F100GC Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 202 page
background image
RL78/G13
4. PACKAGE DRAWINGS
Page 178 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
4. PACKAGE DRAWINGS
4.1 20-pin Products
R5F1006AASP, R5F1006CASP, R5F1006DASP, R5F1006EASP
R5F1016AASP, R5F1016CASP, R5F1016DASP, R5F1016EASP
R5F1006ADSP, R5F1006CDSP, R5F1006DDSP, R5F1006EDSP
R5F1016ADSP, R5F1016CDSP, R5F1016DDSP, R5F1016EDSP
R5F1006AGSP, R5F1006CGSP, R5F1006DGSP, R5F1006EGSP
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-LSSOP20-0300-0.65
PLSP0020JC-A
S20MC-65-5A4-3
0.12
NS
C
DM
M
P
L
U
T
G
F
E
B
K
J
detail of lead end
S
20
11
110
A
H
I
ITEM
B
C
I
L
M
N
A
K
D
E
F
G
H
J
P
T
MILLIMETERS
0.65 (T.P.)
0.475 MAX.
0.13
0.5
6.1
±0.2
0.10
6.65
±0.15
0.17
±0.03
0.1
±0.05
0.24
1.3
±0.1
8.1
±0.2
1.2
+0.08
−0.07
1.0
±0.2
3
°+5°
−3°
0.25
0.6
±0.15
U
NOTE
Each lead centerline is located within 0.13 mm of
its true position (T.P.) at maximum material condition.
2012 Renesas Electronics Corporation. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com