Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 193Page - Renesas Technology Corp R5F100GC Datasheet HTML 194Page - Renesas Technology Corp R5F100GC Datasheet HTML 195Page - Renesas Technology Corp R5F100GC Datasheet HTML 196Page - Renesas Technology Corp R5F100GC Datasheet HTML 197Page - Renesas Technology Corp R5F100GC Datasheet HTML 198Page - Renesas Technology Corp R5F100GC Datasheet HTML 199Page - Renesas Technology Corp R5F100GC Datasheet HTML 200Page - Renesas Technology Corp R5F100GC Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 202 page
background image
C - 1
Revision History
RL78/G13 Data Sheet
Description
Rev.
Date
Page
Summary
1.00
Feb 29, 2012
-
First Edition issued
2.00
Oct 12, 2012
7
Figure 1-1. Part Number, Memory Size, and Package of RL78/G13: Pin count
corrected.
25
1.4 Pin Identification: Description of pins INTP0 to INTP11 corrected.
40, 42, 44
1.6 Outline of Functions: Descriptions of Subsystem clock, Low-speed on-chip
oscillator, and General-purpose register corrected.
41, 43, 45
1.6 Outline of Functions: Lists of Descriptions changed.
59, 63, 67
Descriptions of Note 8 in a table corrected.
68
(4) Common to RL78/G13 all products: Descriptions of Notes corrected.
69
2.4 AC Characteristics: Symbol of external system clock frequency corrected.
96 to 98
2.6.1 A/D converter characteristics: Notes of overall error corrected.
100
2.6.2 Temperature sensor characteristics: Parameter name corrected.
104
2.8 Flash Memory Programming Characteristics: Incorrect descriptions
corrected.
116
3.10 52-pin products: Package drawings of 52-pin products corrected.
120
3.12 80-pin products: Package drawings of 80-pin products corrected.
3.00
Aug 02, 2013
1
Modification of 1.1 Features
3
Modification of 1.2 List of Part Numbers
4 to 15
Modification of Table 1-1. List of Ordering Part Numbers, note, and caution
16 to 32
Modification of package type in 1.3.1 to 1.3.14
33
Modification of description in 1.4 Pin Identification
48, 50, 52
Modification of caution, table, and note in 1.6 Outline of Functions
55
Modification of description in table of Absolute Maximum Ratings (TA = 25
C)
57
Modification of table, note, caution, and remark in 2.2.1 X1, XT1 oscillator
characteristics
57
Modification of table in 2.2.2 On-chip oscillator characteristics
58
Modification of note 3 of table (1/5) in 2.3.1 Pin characteristics
59
Modification of note 3 of table (2/5) in 2.3.1 Pin characteristics
63
Modification of table in (1) Flash ROM: 16 to 64 KB of 20- to 64-pin products
64
Modification of notes 1 and 4 in (1) Flash ROM: 16 to 64 KB of 20- to 64-pin
products
65
Modification of table in (1) Flash ROM: 16 to 64 KB of 20- to 64-pin products
66
Modification of notes 1, 5, and 6 in (1) Flash ROM: 16 to 64 KB of 20- to 64-
pin products
68
Modification of notes 1 and 4 in (2) Flash ROM: 96 to 256 KB of 30- to 100-
pin products
70
Modification of notes 1, 5, and 6 in (2) Flash ROM: 96 to 256 KB of 30- to
100-pin products
72
Modification of notes 1 and 4 in (3) Flash ROM: 384 to 512 KB of 44- to 100-
pin products
74
Modification of notes 1, 5, and 6 in (3) Flash ROM: 384 to 512 KB of 44- to
100-pin products
75
Modification of (4) Peripheral Functions (Common to all products)
77
Modification of table in 2.4 AC Characteristics
78, 79
Addition of Minimum Instruction Execution Time during Main System Clock
Operation
80
Modification of figures of AC Timing Test Points and External System Clock
Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com