Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 194Page - Renesas Technology Corp R5F100GC Datasheet HTML 195Page - Renesas Technology Corp R5F100GC Datasheet HTML 196Page - Renesas Technology Corp R5F100GC Datasheet HTML 197Page - Renesas Technology Corp R5F100GC Datasheet HTML 198Page - Renesas Technology Corp R5F100GC Datasheet HTML 199Page - Renesas Technology Corp R5F100GC Datasheet HTML 200Page - Renesas Technology Corp R5F100GC Datasheet HTML 201Page - Renesas Technology Corp R5F100GC Datasheet HTML 202Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 200 / 202 page
background image
C - 4
Description
Rev.
Date
Page
Summary
3.00
Aug 02, 2013
163
Modification of table in (8) Communication at different potential (1.8 V, 2.5 V,
3 V) (simplified I
2C mode) (1/2)
164, 165
Modification of table, note 1, and caution in (8) Communication at different
potential (1.8 V, 2.5 V, 3 V) (simplified I
2C mode) (2/2)
166
Modification of table in 3.5.2 Serial interface IICA
166
Modification of IICA serial transfer timing
167
Addition of table in 3.6.1 A/D converter characteristics
167, 168
Modification of table and notes 3 and 4 in 3.6.1 (1)
169
Modification of description in 3.6.1 (2)
170
Modification of description and note 3 in 3.6.1 (3)
171
Modification of description and notes 3 and 4 in 3.6.1 (4)
172
Modification of table and note in 3.6.3 POR circuit characteristics
173
Modification of table of LVD Detection Voltage of Interrupt & Reset Mode
173
Modification from Supply Voltage Rise Time to 3.6.5 Power supply voltage
rising slope characteristics
174
Modification of 3.9 Dedicated Flash Memory Programmer Communication
(UART)
175
Modification of table, figure, and remark in 3.10 Timing Specs for Switching
Flash Memory Programming Modes
3.10
Nov 15, 2013
123
Caution 4 added.
125
Note for operating ambient temperature in 3.1 Absolute Maximum Ratings
deleted.
3.30
Mar 31, 2016
Modification of the position of the index mark in 25-pin plastic WFLGA (3 × 3
mm, 0.50 mm pitch) of 1.3.3 25-pin products
Modification of power supply voltage in 1.6 Outline of Functions [20-pin, 24-
pin, 25-pin, 30-pin, 32-pin, 36-pin products]
Modification of power supply voltage in 1.6 Outline of Functions [40-pin, 44-
pin, 48-pin, 52-pin, 64-pin products]
Modification of power supply voltage in 1.6 Outline of Functions [80-pin, 100-
pin, 128-pin products]
ACK corrected to ACK
ACK corrected to ACK
All trademarks and registered trademarks are the property of their respective owners.
SuperFlash is a registered trademark of Silicon Storage Technology, Inc. in several countries including the United
States and Japan.
Caution: This product uses SuperFlash® technology licensed from Silicon Storage Technology, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com