Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FDD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F104FDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FDD Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F104FDD Datasheet HTML 1Page - Renesas Technology Corp R5F104FDD Datasheet HTML 2Page - Renesas Technology Corp R5F104FDD Datasheet HTML 3Page - Renesas Technology Corp R5F104FDD Datasheet HTML 4Page - Renesas Technology Corp R5F104FDD Datasheet HTML 5Page - Renesas Technology Corp R5F104FDD Datasheet HTML 6Page - Renesas Technology Corp R5F104FDD Datasheet HTML 7Page - Renesas Technology Corp R5F104FDD Datasheet HTML 8Page - Renesas Technology Corp R5F104FDD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 4 of 208
Aug 12, 2016
Note
For the fields of application, refer to Figure 1 - 1 Part Number, Memory Size, and Package of RL78/G14.
Caution
The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
(1/5)
Pin
count
Package
Fields of
Application
Note
Ordering Part Number
30 pins
30-pin plastic LSSOP
(7.62 mm (300), 0.65 mm pitch)
A
R5F104AAASP#V0, R5F104ACASP#V0, R5F104ADASP#V0, R5F104AEASP#V0,
R5F104AFASP#V0, R5F104AGASP#V0
R5F104AAASP#X0, R5F104ACASP#X0, R5F104ADASP#X0, R5F104AEASP#X0,
R5F104AFASP#X0, R5F104AGASP#X0
D
R5F104AADSP#V0, R5F104ACDSP#V0, R5F104ADDSP#V0, R5F104AEDSP#V0,
R5F104AFDSP#V0, R5F104AGDSP#V0
R5F104AADSP#X0, R5F104ACDSP#X0, R5F104ADDSP#X0, R5F104AEDSP#X0,
R5F104AFDSP#X0, R5F104AGDSP#X0
G
R5F104AAGSP#V0, R5F104ACGSP#V0, R5F104ADGSP#V0, R5F104AEGSP#V0,
R5F104AFGSP#V0, R5F104AGGSP#V0
R5F104AAGSP#X0, R5F104ACGSP#X0, R5F104ADGSP#X0, R5F104AEGSP#X0,
R5F104AFGSP#X0, R5F104AGGSP#X0
32 pins
32-pin plastic HWQFN
(5
× 5 mm, 0.5 mm pitch)
A
R5F104BAANA#U0, R5F104BCANA#U0, R5F104BDANA#U0, R5F104BEANA#U0,
R5F104BFANA#U0, R5F104BGANA#U0
R5F104BAANA#W0, R5F104BCANA#W0, R5F104BDANA#W0, R5F104BEANA#W0,
R5F104BFANA#W0, R5F104BGANA#W0
D
R5F104BADNA#U0, R5F104BCDNA#U0, R5F104BDDNA#U0, R5F104BEDNA#U0,
R5F104BFDNA#U0, R5F104BGDNA#U0
R5F104BADNA#W0, R5F104BCDNA#W0, R5F104BDDNA#W0, R5F104BEDNA#W0,
R5F104BFDNA#W0, R5F104BGDNA#W0
G
R5F104BAGNA#U0, R5F104BCGNA#U0, R5F104BDGNA#U0, R5F104BEGNA#U0,
R5F104BFGNA#U0, R5F104BGGNA#U0
R5F104BAGNA#W0, R5F104BCGNA#W0, R5F104BDGNA#W0, R5F104BEGNA#W0,
R5F104BFGNA#W0, R5F104BGGNA#W0
32-pin plastic LQFP
(7
× 7, 0.8 mm pitch)
A
R5F104BAAFP#V0, R5F104BCAFP#V0, R5F104BDAFP#V0, R5F104BEAFP#V0,
R5F104BFAFP#V0, R5F104BGAFP#V0
R5F104BAAFP#X0, R5F104BCAFP#X0, R5F104BDAFP#X0, R5F104BEAFP#X0,
R5F104BFAFP#X0, R5F104BGAFP#X0
D
R5F104BADFP#V0, R5F104BCDFP#V0, R5F104BDDFP#V0, R5F104BEDFP#V0,
R5F104BFDFP#V0, R5F104BGDFP#V0
R5F104BADFP#X0, R5F104BCDFP#X0, R5F104BDDFP#X0, R5F104BEDFP#X0,
R5F104BFDFP#X0, R5F104BGDFP#X0
G
R5F104BAGFP#V0, R5F104BCGFP#V0, R5F104BDGFP#V0, R5F104BEGFP#V0,
R5F104BFGFP#V0, R5F104BGGFP#V0
R5F104BAGFP#X0, R5F104BCGFP#X0, R5F104BDGFP#X0, R5F104BEGFP#X0,
R5F104BFGFP#X0, R5F104BGGFP#X0
36 pins
36-pin plastic WFLGA
(4
× 4 mm, 0.5 mm pitch)
A
R5F104CAALA#U0, R5F104CCALA#U0, R5F104CDALA#U0, R5F104CEALA#U0,
R5F104CFALA#U0, R5F104CGALA#U0
R5F104CAALA#W0, R5F104CCALA#W0, R5F104CDALA#W0, R5F104CEALA#W0,
R5F104CFALA#W0, R5F104CGALA#W0
G
R5F104CAGLA#U0, R5F104CCGLA#U0, R5F104CDGLA#U0, R5F104CEGLA#U0,
R5F104CFGLA#U0, R5F104CGGLA#U0
R5F104CAGLA#W0, R5F104CCGLA#W0, R5F104CDGLA#W0, R5F104CEGLA#W0,
R5F104CFGLA#W0, R5F104CGGLA#W0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com