Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FDD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F104FDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FDD Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F104FDD Datasheet HTML 1Page - Renesas Technology Corp R5F104FDD Datasheet HTML 2Page - Renesas Technology Corp R5F104FDD Datasheet HTML 3Page - Renesas Technology Corp R5F104FDD Datasheet HTML 4Page - Renesas Technology Corp R5F104FDD Datasheet HTML 5Page - Renesas Technology Corp R5F104FDD Datasheet HTML 6Page - Renesas Technology Corp R5F104FDD Datasheet HTML 7Page - Renesas Technology Corp R5F104FDD Datasheet HTML 8Page - Renesas Technology Corp R5F104FDD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 3 of 208
Aug 12, 2016
1.2
Ordering Information
Figure 1 - 1 Part Number, Memory Size, and Package of RL78/G14
Fields of application:
A: Consumer applications, TA = -40 to +85
°C
D: Industrial applications, TA = -40 to +85
°C
G: Industrial applications, TA = -40 to +105
°C
Packaging specification
#30: Tray (LFQFP, LQFP)
#U0: Tray (HWQFN, WFLGA, FLGA)
#V0: Tray (LFQFP, LQFP, LSSOP)
#50: Embossed Tape (LFQFP, LQFP)
#W0:Embossed Tape (HWQFN, WFLGA, FLGA)
#X0: Embossed Tape (LFQFP, LQFP, LSSOP)
R 5 F 1 0 4 L E A x x x F B # V 0
Package type:
SP: LSSOP, 0.65 mm pitch
FP: LQFP, 0.80 mm pitch
FA: LQFP, 0.65 mm pitch
FB: LFQFP, 0.50 mm pitch
NA:HWQFN, 0.50 mm pitch
LA: WFLGA, 0.50 mm pitch
FLGA, 0.50 mm pitch
ROM number (Omitted with blank products)
ROM capacity:
A: 16 KB
C: 32 KB
D: 48 KB
E: 64 KB
F: 96 KB
G: 128 KB
H: 192 KB
J: 256 KB
K: 384 KB
L: 512 KB
Part No.
Pin count:
A: 30-pin
B: 32-pin
C: 36-pin
E: 40-pin
F: 44-pin
G: 48-pin
J: 52-pin
L: 64-pin
M: 80-pin
P: 100-pin
RL78/G14
Memory type:
F : Flash memory
Renesas MCU
Renesas semiconductor product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com