Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FDD Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R5F104FDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FDD Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R5F104FDD Datasheet HTML 8Page - Renesas Technology Corp R5F104FDD Datasheet HTML 9Page - Renesas Technology Corp R5F104FDD Datasheet HTML 10Page - Renesas Technology Corp R5F104FDD Datasheet HTML 11Page - Renesas Technology Corp R5F104FDD Datasheet HTML 12Page - Renesas Technology Corp R5F104FDD Datasheet HTML 13Page - Renesas Technology Corp R5F104FDD Datasheet HTML 14Page - Renesas Technology Corp R5F104FDD Datasheet HTML 15Page - Renesas Technology Corp R5F104FDD Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 12 of 208
Aug 12, 2016
1.3.3
36-pin products
• 36-pin plastic WFLGA (4 × 4 mm, 0.5 mm pitch)
Note
Mounted on the 96 KB or more code flash memory products.
Caution
Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
AB
C
D
E
F
6
P60/SCLA0
VDD
P121/X1
P122/X2/EXCLK
P137/INTP0
P40/TOOL0
6
5
P62/SSI00
P61/SDAA0
VSS
REGC
RESET
P120/ANI19/
VCOUT0 Note
5
4
P72/SO21
P71/SI21/
SDA21
P14/RxD2/SI20/
SDA20/TRDIOD0/
(SCLA0)
P31/TI03/TO03/
INTP4/PCLBUZ0/
(TRJIO0)
P00/TI00/TxD1/
TRGCLKA/
(TRJO0)
P01/TO00/
RxD1/TRGCLKB/
TRJIO0
4
3
P50/INTP1/
SI00/RxD0/
TOOLRxD/
SDA00/TRGIOA/
(TRJO0)
P70/SCK21/
SCL21
P15/PCLBUZ1/
SCK20/SCL20/
TRDIOB0/
(SDAA0)
P22/ANI2/
ANO0 Note
P20/ANI0/
AVREFP
P21/ANI1/
AVREFM
3
2
P30/INTP3/
SCK00/SCL00/
TRJO0
P16/TI01/TO01/
INTP5/TRDIOC0/
IVREF0 Note/
(RXD0)
P12/SO11/
TRDIOB1/
IVREF1 Note
P11/SI11/
SDA11/
TRDIOC1
P24/ANI4
P23/ANI3/
ANO1 Note
2
1
P51/INTP2/
SO00/TxD0/
TOOLTxD/
TRGIOB
P17/TI02/TO02/
TRDIOA0/
TRDCLK/
IVCMP0 Note/
(TXD0)
P13/TxD2/
SO20/TRDIOA1/
IVCMP1 Note
P10/SCK11/
SCL11/
TRDIOD1
P147/ANI18/
VCOUT1 Note
P25/ANI5
1
AB
C
D
E
F
Top View
Bottom View
6
5
4
3
2
1
INDEX MARK
AB
C
D
E
F
FE
D
C
B
A
RL78/G14
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com