Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4813 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7L4813
Description  Non-isolation Buck LED Lighting Driver with Active PFC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4813 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7L4813 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. 1.00
2
June 26, 2015
HT7L4813
Pin Assignment
HT7L4813
8 SOP-A
CS
CS
DRAIN
DRAIN
VSS
COMP
VCC
ZCD
1
2
3
4
8
7
6
5
Pin Description
Pin No.
Symbol
Description
1
VSS
Ground pin.
2
COMP
Loop compensation pin. A capacitor is placed between COMP and GND.
3
VCC
Power supply pin.
4
ZCD
Zero-current detect pin.
5, 6
DRAIN
Internal high voltage power MOSFET drain terminals.
7, 8
CS
Current sense pin. A resistor is connected to sense the MOSFET current.
Absolute Maximum Ratings
Parameter
Range
Internal MOSFET drain source voltage
-0.3V to 500V
VCC supply voltage
-0.3V to 33V
CS pin Input voltage
-0.3V to 6V
COMP pin Output voltage
-0.3V to 6V
ZCD pin Maximum current
3mA (source), 3mA (sink)
Maximum operating junction temperature
150°C
Storage temperature range
-55°C to 150°C
Recommended Operating Ranges
Parameter
Range
VCC Supply voltage
17V~25V
Operating junction temperature
-40°C~125°C
Output power
12.5W@150mA, 90~264Vac
17.6W@150mA,180~264Vac



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com