Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4813 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7L4813
Description  Non-isolation Buck LED Lighting Driver with Active PFC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4813 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7L4813 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 1.00
1
June 26, 2015
Rev. 1.00
PB
June 26, 2015
HT7L4813
Non-isolation Buck LED
Lighting Driver with Active PFC
Features
• Non-isolationbucktopology
• Integrated500VMOSFET
• WideACinputrange–from85VACto265VAC
• HighPowerFactorof>0.9withoutadditional
circuitry
• Accurateconstantcurrent(<±3%)
• Lowstart-upcurrentreducespowerdissipation
• Fullprotectionfunctionsforenhancedsafety:
♦
Gatedriveroutputvoltageclamp
♦
VCCovervoltageprotection–VCCOVP
♦
VCCunder-voltagelockoutwithhysteresis–
VCCUVLO
♦
OutputLEDstringovercurrentprotection
♦
OutputLEDstringshortprotection
♦
OutputLEDstringopenprotection
♦
On-chipovertemperatureprotection–OTP
• Package:8-pinSOP
Applications
• Generalillumination
• E26/27,T5/T8LEDLamps
• OtherLEDLightingApplications
General Description
The HT7L4813 is a non-isolation buck PWM
controllerforLEDlightingapplications.Thedevice
hasafullyintegratedPFCcircuitwhichoperatesin
aboundaryconductionmode(BCM)toachievehigh
powerfactorvalues.AhighvoltagepowerMOSFETs
isintegratedinthedevice.Withfullcontrolprovided
overtheinternalMOSFETs,thedevicecaneasily
meettheexactingLEDcurrentandhighpowerfactor
requirements.
Thedeviceprovidesseveralprotectionfunctions,
whichincludeVCCUnderVoltageLockout(UVLO),
Over Current Protection (OCP), Output LED
StringOpenProtection,OutputLEDStringShort
Protection,VCCOverVoltageProtection(OVP)and
Leading-EdgeBlanking(LEB)forcurrentsensing.
Additionallyandtoensuresystemreliability,the
deviceincludesafullyintegratedthermalprotection
function.
Thehighleveloffunctionalintegrationminimisesthe
externalcomponentcountgivingmajoradvantages
intermsofcostandcircuitboardarea.Thedeviceis
suppliedina8-pinSOPpackage.
Block Diagram
CS
7,8
DRAIN
5,6
EA
Driver
Logic
Control
0.2V
2
PWM
Generator
LEB
OCP
ZCD OVP
OTP
UVLO
VCC
Reference
& Bias
Min
Off Time
VCC OVP
ZCD
Comparator
OCP
OTP
Starter
OTP
OCP
4
3
1
ZCD
COMP
VSS


Similar Part No. - HT7L4813

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
More results

Similar Description - HT7L4813

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
logo
Bruckewell Technology L...
BW7383 BWTECH-BW7383 Datasheet
302Kb / 8P
6 Pin Non-isolation Buck current control IC with High PFC for LED Lighting
BW7385 BWTECH-BW7385 Datasheet
260Kb / 7P
Non-isolation Buck current control IC with High PFC for LED Lighting
logo
Shenzhen Winsemi Microe...
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
WS3410 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
WS3412 Active PFC Non-isolated Buck LED Driver
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
WS3413 Active PFC Non-isolated Buck LED Driver
logo
Holtek Semiconductor In...
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
logo
Princeton Technology Co...
RS2322 PTC-RS2322 Datasheet
313Kb / 4P
High Accurate non-isolated Buck-Boost LED Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com