Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4813 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7L4813
Description  Non-isolation Buck LED Lighting Driver with Active PFC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4813 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7L4813 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev. 1.00
3
June 26, 2015
HT7L4813
Electrical Characteristics
VCC=18V, Ta=25°C
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Power Supply (VCC Pin)
VCCON UVLOON
—
—
18
—
V
VCCOFF UVLOOFF
—
—
10
—
V
VCCHYS UVLO Hysteresis
—
7
—
—
V
VOVP
VCC OVP Trip Point
—
26
29
32
V
ISTART
Start-up Current
Before turn-on,
@ VCC=UVLOON - 1V
—
10
20
μA
IQ
Quiescent Current
No switching
—
0.6
1.0
mA
Error Amplifier
VFB
Feedback Reference Voltage
Ta=25°C
194
200
206
mV
Current Sense Comparator
TLEB
Leading Edge Blanking Time
—
—
400
—
ns
VCL
Current Limit Threshold
—
—
1.1
—
V
VOCP
Over Current Trip Point
—
—
0.9
—
V
Over Current Release Point
—
—
0.2
—
V
Zero Current Detector
VZCDH
Upper Clamp Voltage
IZCD=300μA
—
3
—
V
VZCDL
Lower Clamp Voltage
IZCD=-2.5mA
—
-0.2
—
V
VZCDA
Positive-Going Edge
—
—
1.5
—
V
VZCDT
Negative-Going Edge
—
—
1
—
V
IOVP
OVP Current on ZCD pin
—
270
300
330
μA
TB_OVP
Blanking Time for OVP Detection
—
—
1
—
μs
Starter
TSTART
Start Timer Period
—
—
40
—
μs
TOFF
Minimum Off Time
—
—
4
—
μs
Over Temperature Protection
OTP
Over Temperature Trip Point
—
—
150
—
°C
Power MOSFET
RDS
Power MOSFET Switch ON Resistance @ VGS=10V, IDS=0.5A
—
6
—
Ω
BVDSS
Power MOSFET Drain-Source Voltage @ VGS=0V, IDS<250μA
500
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com