Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V48 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82V48
Description  6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V48 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82V48 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Rev. 1.20
13
May 19, 2017
HT82V48
48-pin LQFP-EP (Exposed Pads) (7mm×7mm) Outline Dimensions
36
25
37
24
13
12
1
48
A
B
C
D
E
F
G
H
I
J
K
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.354 BSC
—
B
—
0.276 BSC
—
C
—
0.354 BSC
—
D
—
0.276 BSC
—
D2
0.170
—
0.205
E
—
0.020 BSC
—
E2
0.079
—
—
F
0.007
0.009
0.011
G
0.053
0.055
0.057
H
—
—
0.063
I
0.002
—
0.006
J
0.018
0.024
0.030
K
0.004
—
0.008
α
0°
—
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
9.00 BSC
—
B
—
7.00 BSC
—
C
—
9.00 BSC
—
D
—
7.00 BSC
—
D2
4.31
—
5.21
E
—
0.50 BSC
—
E2
2.00
—
—
F
0.17
0.22
0.27
G
1.35
1.40
1.45
H
—
—
1.60
I
0.05
—
0.15
J
0.45
0.60
0.75
K
0.09
—
0.20
α
0°
—
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com