Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V48 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V48
Description  6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V48 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V48 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Rev. 1.20
3
May 19, 2017
HT82V48
Pin Name
I/O
Description
OEB
DI
Output Data Enable, Active Low
D[15:8]
DO
Data Output
D[7:0]
DO
Data Output
Type:AI=AnalogInput;AO=AnalogOutput;AIO=AnalogIn/out,DI=DigitalInput;DO=DigitalOutput;
DIO=DigitalIn/out,P=Power
Absolute Maximum Ratings
SupplyVoltage..........................VSS-0.3VtoVSS+4.3V
InputVoltage.............................VSS-0.3VtoVDD+0.3V
AnalogueSupplyPower...........................3.0Vto3.6V
StorageTemperature............................-50°Cto125°C
OperatingTemperature..............................0°Cto70°C
Digitalsupplypower.................................3.0Vto3.6V
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Power Supply
AVDD
Analogue Supply Power
—
3.0
3.3
3.6
V
DVDD
Digital Supply Power
—
3.0
3.3
3.6
V
Digital Inputs
VIH
High level input voltage
—
0.7×DVDD
—
—
V
VIL
LOR level input voltage
—
—
—
0.2×DVDD
V
IIH
High level input current
—
—
—
1
μA
IIL
LOR level input current
—
—
—
1
μA
CI
Input capacitance
—
—
5
—
pF
Digital Outputs
VOH
High level output voltage
IOH=1mA
DVDD-0.5
—
—
V
VOL
LOR level output voltage
IOL=1mA
—
—
0.5
V
IOZ
High impedance output current
—
—
—
1
μA
AVDD=DVDD=3.3V, AVSS=DVSS=0V, Ta=25°C, ADCK=60MHz unless otherwise stated.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Overall system specification (including 16-bit ADC, PGA, Offset and SHA functions)
Maximum Conversion rate
—
—
60
—
MSPS
Full-scale input voltage range
LOR=0; Max Gain
—
0.33
—
VP-P
LOR=0; Min Gain
—
3.03
—
VP-P
LOR=1; Max Gain
—
0.20
—
VP-P
LOR=1; Min Gain
—
1.82
—
VP-P
VIN
Input signal limits
—
AVSS-0.3
—
AVDD+0.3
Full-scale transition error
Gain=0dB
—
30
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com