Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V48 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V48
Description  6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V48 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V48 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Rev. 1.20
2
May 19, 2017
HT82V48
Pin Assignment
AVDD2
AVSS2
AVDD1
AVSS1
BIAS1
BIAS2
VIR1
VIG1
VIB1
VIB2
VIG2
VIR2
D7
D6
D5
DVDD2
DVSS2
D10
D9
D8
D11
D12
ADCK
SH
1 2 3 4 5 6 7 8 9 10 11 12
14
15
16
17
18
19
20
21
22
34
35
36
37
38
39
48
23
24
25
26
27
28
29
30
31
32
33
41
42
43
44
45
46
47
40
13
HT82V48
48 LQFP-EP-A
Expose Pad
Pin Description
Pin Name
I/O
Description
DVDD1
P
AFE Digital Supply
VSS1
P
AFE Digital Ground
DVDD2
P
Data Bus Digital Supply
VSS2
P
Data Bus Digital Ground
AVDD1
P
AFE #1 Analog Supply
AVSS1
P
AFE #1 Analog Ground
AVDD2
P
AFE #2 Analog Supply
AVSS2
P
AFE #2 Analog Ground
ADCK
DI
System Master Clock and ADC Sampling Clock
SH
DI
Sample-Hold Clock
CLP
DI
Clamping Interval
SCK
DI
Serial Control Interface (SCI) Clock
SD
DIO
SCI Data
SEB
DI
SCI Enable, Active Low
VIR1
AI
Analog Input , AFE #1 Channel R
VIG1
AI
Analog Input , AFE #1 Channel G
VIB1
AI
Analog Input , AFE #1 Channel B
BIAS1
AO
AFE #1 Bias Decoupling
REFB1
AO
AFE #1 ADC Bottom Reference Voltage Decoupling
REFT1
AO
AFE #1 ADC Top Reference Voltage Decoupling
CML1
AO
AFE #1 Internal Bias Level Decoupling
VIR2
AI
Analog Input , AFE #2 Channel R
VIG2
AI
Analog Input , AFE #2 Channel G
VIB2
AI
Analog Input , AFE #2 Channel B
BIAS2
AO
AFE #2 Bias Decoupling
REFB2
AO
AFE #2 ADC Bottom Reference Voltage Decoupling
REFT2
AO
AFE #2 ADC Top Reference Voltage Decoupling
CML2
AO
AFE #2 Internal Bias Level Decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com