Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV911A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV911A
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911A Datasheet(HTML) 1 Page - STMicroelectronics

  TSV911A Datasheet HTML 1Page - STMicroelectronics TSV911A Datasheet HTML 2Page - STMicroelectronics TSV911A Datasheet HTML 3Page - STMicroelectronics TSV911A Datasheet HTML 4Page - STMicroelectronics TSV911A Datasheet HTML 5Page - STMicroelectronics TSV911A Datasheet HTML 6Page - STMicroelectronics TSV911A Datasheet HTML 7Page - STMicroelectronics TSV911A Datasheet HTML 8Page - STMicroelectronics TSV911A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
August 2016
DocID12584 Rev 10
1/27
This is information on a product in full production.
www.st.com
TSV91x, TSV91xA
Single, dual, and quad rail-to-rail input/output 8 MHz operational
amplifiers
Datasheet - production data
Features
Rail-to-rail input and output
Wide bandwidth
Low power consumption: 820 µA typ
Unity gain stability
High output current: 35 mA
Operating from 2.5 V to 5.5 V
Low input bias current, 1 pA typ
Low input offset voltage: 1.5 mV max
(A grade)
ESD internal protection
≥ 5 kV
Latch-up immunity
Applications
Battery-powered applications
Portable devices
Signal conditioning
Active filtering
Medical instrumentation
Automotive applications
Related products
See TSV99x, TSV99xA for higher gain
bandwidth (not unity gain stable)
Description
The TSV91x operational amplifiers (op amps)
offer low voltage operation and rail-to-rail input
and output, as well as an excellent speed/power
consumption ratio, providing an 8 MHz gain-
bandwidth product while consuming only 1.1 mA
maximum at 5 V. The op amps are unity gain
stable and feature an ultra-low input bias current.
The devices are ideal for sensor interfaces,
battery-supplied and portable applications, as
well as active filtering.
Table 1: Device summary
Reference
Single
Dual
Quad
TSV91x
TSV911
TSV912
TSV914
TSV91xA (1)
TSV911A
TSV912A
TSV914A
Notes:
(1)Suffix "A" refers to enhanced Vio performance


Similar Part No. - TSV911A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSV911A-Q1 TI1-TSV911A-Q1 Datasheet
1Mb / 25P
TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911A-Q1 TI-TSV911A-Q1 Datasheet
2Mb / 35P
TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911A-Q1 TI-TSV911A-Q1 Datasheet
2Mb / 37P
TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911A-Q1 TI-TSV911A-Q1 Datasheet
2Mb / 39P
TSV91xA-Q1 Automotive Rail-to-Rail Input or Output, 8-MHz Operational Amplifiers
REVISED JUNE 2023
TSV911A-Q1 TI1-TSV911A-Q1 Datasheet
2Mb / 42P
TSV91xA-Q1 Automotive Rail-to-Rail Input or Output, 8-MHz Operational Amplifiers
REVISED JUNE 2023
More results

Similar Description - TSV911A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
STMicroelectronics
TSV912HYDT STMICROELECTRONICS-TSV912HYDT Datasheet
798Kb / 16P
High temperature rail-to-rail input/output 8 MHz operational amplifiers
08-Jul-2010
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_V01 Datasheet
4Mb / 52P
TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com