Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV911A Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSV911A
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSV911A Datasheet HTML 19Page - STMicroelectronics TSV911A Datasheet HTML 20Page - STMicroelectronics TSV911A Datasheet HTML 21Page - STMicroelectronics TSV911A Datasheet HTML 22Page - STMicroelectronics TSV911A Datasheet HTML 23Page - STMicroelectronics TSV911A Datasheet HTML 24Page - STMicroelectronics TSV911A Datasheet HTML 25Page - STMicroelectronics TSV911A Datasheet HTML 26Page - STMicroelectronics TSV911A Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
TSV91x, TSV91xA
Revision history
DocID12584 Rev 10
25/27
8
Revision history
Table 14: Document revision history
Date
Revision
Changes
28-Aug-2006
1
First release.
07-Jun-2007
2
Modified ESD CDM parameter for SO-14 package in Table 2: Absolute
maximum ratings.
Noise parameters updated in Section 2: Electrical characteristics.
Added limits in temperature in Section 2: Electrical characteristics.
Added automotive grade level description in Table 13: Order codes.
Added footnote about SO-14 package in Table 13: Order codes.
Added Figure 16: Phase margin vs. capacitive load and serial resistor.
11-Feb-2008
3
Updated footnotes for ESD parameters in Table 2: Absolute maximum
ratings.
Corrected MiniSO-8 package information in Table 9: MiniSO-8 package
mechanical data.
Added missing markings for order codes TSV911AILT and TSV912AILT
in Table 13: Order codes.
22-Jun-2009
4
Added input current information in Table 2: Absolute maximum ratings.
Changed Figure 7 and Figure 8.
Added Chapter 3: Application information.
Updated package information in Chapter 4.
Added automotive order codes: TSV911IYLT, TSV911AIYLT,
TSV912IYST, TSV912AIYST, TSV914IYPT and TSV914AIYPT in
Table 13: Order codes.
17-Sep-2009
5
Added A versions of devices in title on cover page.
Modified ESD value for machine model in Table 2: Absolute maximum
ratings.
Added Figure 17: Supply current vs. supply voltage on page 10.
18-Mar-2010
6
Added TSV911RILT in Table 13: Order codes, housed in a SOT23-5
package with a new pinout.
24-Jun-2010
7
Added pin connections for TSV911ILT and TSV91RILT on cover page.
Added Table 1: Device summary on cover page.
Modified supply voltage value in Table 3.
Corrected typical value of DVio in Table 4, Table 5 and Table 6.
Added TSV911RILT, TSV911IYDT and TSV911AIYDT order codes in
Table 13.
Modified Note 2 under Table 13.
06-Mar-2012
8
Added DFN8 2x2 package and ordering information for TSV912 device
to Chapter 4 and Chapter 5.
27-Nov-2015
9
Updated layout
Section 2: replaced DVio
/DT by ∆Vio/∆T.
Section 5.2: updated name of package and title of drawings and table;
added note about exposed pad.
Table 13: "Order codes": removed obsolete order codes (TSV911ID,
TSV911AID, TSV912ID, TSV912AID, TSV914ID, TSV914AID).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com