Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV911A Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSV911A
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSV911A Datasheet HTML 11Page - STMicroelectronics TSV911A Datasheet HTML 12Page - STMicroelectronics TSV911A Datasheet HTML 13Page - STMicroelectronics TSV911A Datasheet HTML 14Page - STMicroelectronics TSV911A Datasheet HTML 15Page - STMicroelectronics TSV911A Datasheet HTML 16Page - STMicroelectronics TSV911A Datasheet HTML 17Page - STMicroelectronics TSV911A Datasheet HTML 18Page - STMicroelectronics TSV911A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
TSV91x, TSV91xA
Application information
DocID12584 Rev 10
15/27
5
Application information
5.1
Driving resistive and capacitive loads
These products are low-voltage, low-power operational amplifiers optimized to drive rather
large resistive loads above 2
kΩ.
In a follower configuration, these operational amplifiers can drive capacitive loads up to
100 pF with no oscillations. When driving larger capacitive loads, adding a small in-series
resistor at the output can improve the stability of the device (Figure 19 shows the
recommended in-series resistor values). Once the in-series resistor value has been
selected, the stability of the circuit should be tested on bench and simulated with the
simulation model.
Figure 19: In-series resistor vs. capacitive load
5.2
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
5.3
Macromodel
An accurate macromodel of the TSV91x is available on STMicroelectronics’ web site at:
www.st.com. This model is a trade-off between accuracy and complexity (that is, time
simulation) of the TSV91x operational amplifiers. It emulates the nominal performances of
a typical device within the specified operating conditions mentioned in the datasheet. It
helps to validate a design approach and to select the right operational amplifier, but it does
not replace on-board measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com