Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6390 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV6390
Description  Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6390 Datasheet(HTML) 1 Page - STMicroelectronics

  TSV6390 Datasheet HTML 1Page - STMicroelectronics TSV6390 Datasheet HTML 2Page - STMicroelectronics TSV6390 Datasheet HTML 3Page - STMicroelectronics TSV6390 Datasheet HTML 4Page - STMicroelectronics TSV6390 Datasheet HTML 5Page - STMicroelectronics TSV6390 Datasheet HTML 6Page - STMicroelectronics TSV6390 Datasheet HTML 7Page - STMicroelectronics TSV6390 Datasheet HTML 8Page - STMicroelectronics TSV6390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
December 2015
DocID17118 Rev 2
1/22
This is information on a product in full production.
www.st.com
TSV6390, TSV6390A, TSV6391,
TSV6391A
Micropower (60 µA), wide bandwidth (2.4 MHz) CMOS
operational amplifiers
Datasheet - production data
Features
Low offset voltage: 500 µV max (A version)
Low power consumption: 60 µA typ at 5 V
Low supply voltage: 1.5 V
– 5.5 V
Gain bandwidth product: 2.4 MHz typical
Stable in gain configuration (-3 or 4)
Low power shutdown mode: 5 nA typical
High output current: 63 mA at VCC = 5 V
Low input bias current: 1 pA typical
Rail-to-rail input and output
Extended temperature range:
-40 °C to 125 °C
4 kV human body model
Applications
Battery-powered applications
Portable devices
Signal conditioning
Active filtering
Medical instrumentation
Description
The TSV6390, TSV6391, and their "A" versions
are single operational amplifiers (op amps)
offering low voltage, low power operation, and
rail-to-rail input and output.
With a very low input bias current and low offset
voltage (500 µV maximum for the A version), the
TSV6390 and TSV6391 are ideal for applications
requiring precision. The devices can operate at
power supplies ranging from 1.5 to 5.5 V, and are
therefore ideal for battery-powered devices,
extending battery life.
When used with a gain (above -3 or 4), these
products feature an excellent speed/power
consumption ratio, offering a 2.4 MHz gain
bandwidth product while consuming only 60 µA at
a 5 V supply voltage.
The TSV6390 comes with a shutdown function.
Both the TSV6390 and TSV6391 have a high
tolerance to ESD, sustaining 4 kV for the human
body model.
They are offered in micropackages, SC70-6 and
SOT23-6 for the TSV6390 and SC70-5 and
SOT23-5 for the TSV6391. They are guaranteed
for industrial temperature ranges from -40 °C to
125 °C.
All these features combined make the TSV6390
and TSV6391 ideal for sensor interfaces, battery-
supplied, and portable applications, as well as
active filtering.


Similar Part No. - TSV6390

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6392 STMICROELECTRONICS-TSV6392 Datasheet
942Kb / 25P
MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
18-Jan-2010
TSV6392-3-4-5 STMICROELECTRONICS-TSV6392-3-4-5 Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
TSV6392A STMICROELECTRONICS-TSV6392A Datasheet
942Kb / 25P
MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
18-Jan-2010
TSV6392AID/DT STMICROELECTRONICS-TSV6392AID/DT Datasheet
942Kb / 25P
MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
18-Jan-2010
TSV6392AIST STMICROELECTRONICS-TSV6392AIST Datasheet
942Kb / 25P
MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
18-Jan-2010
More results

Similar Description - TSV6390

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
TSV639X STMICROELECTRONICS-TSV639X Datasheet
942Kb / 25P
MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
18-Jan-2010
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
Wide bandwidth dual JFET operational amplifiers
25-Mar-2010
TSX561ILT STMICROELECTRONICS-TSX561ILT Datasheet
1Mb / 27P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
23-May-2013
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
600
TSX56X STMICROELECTRONICS-TSX56X Datasheet
1Mb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
February 2017 Rev 5
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com