Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6390 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSV6390
Description  Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6390 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSV6390 Datasheet HTML 14Page - STMicroelectronics TSV6390 Datasheet HTML 15Page - STMicroelectronics TSV6390 Datasheet HTML 16Page - STMicroelectronics TSV6390 Datasheet HTML 17Page - STMicroelectronics TSV6390 Datasheet HTML 18Page - STMicroelectronics TSV6390 Datasheet HTML 19Page - STMicroelectronics TSV6390 Datasheet HTML 20Page - STMicroelectronics TSV6390 Datasheet HTML 21Page - STMicroelectronics TSV6390 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Ordering information
TSV6390, TSV6390A, TSV6391, TSV6391A
20/22
DocID17118 Rev 2
6
Ordering information
Table 13: Order codes
Part number
Temperature range
Package
Packing
Marking
TSV6390ILT
-40 °C to 125 °C
SΟΤ23-6
Tape and reel
K109
TSV6390ICT
SC70-6
K19
TSV6390AILT
SΟΤ23-6
K142
TSV6390AICT
SC70-6
K42
TSV6391ILT
SΟΤ23-5
K108
TSV6391ICT
SC70-5
K20
TSV6391AILT
SΟΤ23-5
K141
TSV6391AICT
SC70-5
K41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com