Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6390 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV6390
Description  Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6390 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV6390 Datasheet HTML 9Page - STMicroelectronics TSV6390 Datasheet HTML 10Page - STMicroelectronics TSV6390 Datasheet HTML 11Page - STMicroelectronics TSV6390 Datasheet HTML 12Page - STMicroelectronics TSV6390 Datasheet HTML 13Page - STMicroelectronics TSV6390 Datasheet HTML 14Page - STMicroelectronics TSV6390 Datasheet HTML 15Page - STMicroelectronics TSV6390 Datasheet HTML 16Page - STMicroelectronics TSV6390 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TSV6390, TSV6390A, TSV6391, TSV6391A
Application information
DocID17118 Rev 2
13/22
4.5
Optimization of DC and AC parameters
These devices use an innovative approach to reduce the spread of the main DC and AC
parameters. An internal adjustment achieves a very narrow spread of the current
consumption (60 µA typical, min/max at ±17 %). Parameters linked to the current
consumption value, such as GBP, SR, and AVd, benefit from this narrow dispersion.
4.6
Driving resistive and capacitive loads
These products are micropower, low-voltage operational amplifiers optimized to drive
rather large resistive loads, above 2
kΩ. For lower resistive loads, the THD level may
significantly increase.
These operational amplifiers have a relatively low internal compensation capacitor, making
them very fast while consuming very little. They are ideal when used in a non-inverting
configuration or in an inverting configuration in the following conditions.
IGainI ≥ 3 in an inverting configuration (C
L = 20 pF, RL = 100 kΩ) οr ΙgainI ≥ 10,
(CL = 100 pF, RL = 100 kΩ)
Gain ≥ 4 in a non-inverting configuration (C
L = 20 pF, RL = 100 kΩ) οr gain ≥ 11,
(CL = 100 pF, RL= 100 kΩ)
As these operational amplifiers are not unity gain stable, for a low closed-loop gain it is
recommended to use the TSV62x (29 µA, 420 kHz) or TSV63x (60 µA, 880 kHz) which are
unity gain stable.
Table 8: Related products
Part #
Icc (µA) at 5 V
GBP (MHz)
SR (V/µs)
Minimum gain for stability
(CLoad = 100 pF)
TSV620-1
29
0.42
0.14
1
TSV6290-1
29
1.3
0.5
11
TSV630-1
60
0.88
0.34
1
TSV6390-1
60
2.4
1.1
11
4.7
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
4.8
Macromodel
An accurate macromodel of the TSV6390 and TSV6391 is available on STMicroelectronics’
web site at: www.st.com. This model is a trade-off between accuracy and complexity (that
is, time simulation) of the TSV639x operational amplifiers. It emulates the nominal
performances of a typical device within the specified operating conditions mentioned in the
datasheet. It also helps to validate a design approach and to select the right operational
amplifier, but it does not replace on-board measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com