Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX56X Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSX56X
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX56X Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSX56X Datasheet HTML 7Page - STMicroelectronics TSX56X Datasheet HTML 8Page - STMicroelectronics TSX56X Datasheet HTML 9Page - STMicroelectronics TSX56X Datasheet HTML 10Page - STMicroelectronics TSX56X Datasheet HTML 11Page - STMicroelectronics TSX56X Datasheet HTML 12Page - STMicroelectronics TSX56X Datasheet HTML 13Page - STMicroelectronics TSX56X Datasheet HTML 14Page - STMicroelectronics TSX56X Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TSX56x, TSX56xA
Electrical characteristics
DocID023274 Rev 5
11/28
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC performance
GBP
Gain bandwidth product
RL
= 10 kΩ, CL = 100 pF
750
900
kHz
Fu
Unity gain frequency
750
ɸm
Phase margin
55
Degrees
Gm
Gain margin
9
dB
SR
Slew rate
RL
= 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
1.1
V/μs
en
Equivalent input noise
voltage density
f = 1 kHz
48
nV/√Hz
f = 10 kHz
27
∫en
Low-frequency peak-to-
peak input noise
Bandwidth, f = 0.1 to 10 Hz
15
µVpp
THD+N
Total harmonic distortion +
noise
Follower configuration, fin = 1 kHz,
RL
= 100 kΩ, Vicm = (VCC -1.5 V)/2,
BW = 22 kHz, Vout = 5 Vpp
0.000
5
%
Notes:
(1)See Section 5.3: "Input offset voltage drift over temperature"
(2)Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration.
(3)Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com