Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX56X Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSX56X
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX56X Datasheet(HTML) 2 Page - STMicroelectronics

  TSX56X Datasheet HTML 1Page - STMicroelectronics TSX56X Datasheet HTML 2Page - STMicroelectronics TSX56X Datasheet HTML 3Page - STMicroelectronics TSX56X Datasheet HTML 4Page - STMicroelectronics TSX56X Datasheet HTML 5Page - STMicroelectronics TSX56X Datasheet HTML 6Page - STMicroelectronics TSX56X Datasheet HTML 7Page - STMicroelectronics TSX56X Datasheet HTML 8Page - STMicroelectronics TSX56X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Contents
TSX56x, TSX56xA
2/28
DocID023274 Rev 5
Contents
1
Pinout information........................................................................... 3
2
Absolute maximum ratings and operating conditions ................. 4
3
Electrical characteristics ................................................................ 6
4
Electrical characteristic curves .................................................... 12
5
Application information ................................................................ 16
5.1
Operating voltages .......................................................................... 16
5.2
Rail-to-rail input ............................................................................... 16
5.3
Input offset voltage drift over temperature....................................... 16
5.4
Long term input offset voltage drift .................................................. 17
5.5
PCB layouts .................................................................................... 18
5.6
Macromodel .................................................................................... 18
6
Package information ..................................................................... 19
6.1
SOT23-5 package information ........................................................ 20
6.2
DFN8 2x2 package information....................................................... 21
6.3
MiniSO8 package information ......................................................... 22
6.4
QFN16 3x3 package information..................................................... 23
6.5
TSSOP14 package information....................................................... 25
7
Ordering information..................................................................... 26
8
Revision history ............................................................................ 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com