Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX56X Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSX56X
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX56X Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSX56X Datasheet HTML 12Page - STMicroelectronics TSX56X Datasheet HTML 13Page - STMicroelectronics TSX56X Datasheet HTML 14Page - STMicroelectronics TSX56X Datasheet HTML 15Page - STMicroelectronics TSX56X Datasheet HTML 16Page - STMicroelectronics TSX56X Datasheet HTML 17Page - STMicroelectronics TSX56X Datasheet HTML 18Page - STMicroelectronics TSX56X Datasheet HTML 19Page - STMicroelectronics TSX56X Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Application information
TSX56x, TSX56xA
16/28
DocID023274 Rev 5
5
Application information
5.1
Operating voltages
The amplifiers of the TSX56x and TSX56xA series can operate from 3 V to 16 V. Their
parameters are fully specified at 3.3 V, 5 V, and 16 V power supplies. However, the
parameters are very stable in the full VCC range. Additionally, the main specifications are
guaranteed in extended temperature ranges from -40 to 125 ° C.
5.2
Rail-to-rail input
The TSX56x and TSX56xA devices are built with two complementary PMOS and NMOS
input differential pairs. The devices have a rail-to-rail input, and the input common mode
range is extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V.
However, the performance of these devices is clearly optimized for the PMOS differential
pairs (which means from (VCC-) - 0.1 V to (VCC+) - 1.5 V).
Beyond (VCC+) - 1.5 V, the operational amplifiers are still functional but with degraded
performance, as can be observed in the electrical characteristics section of this datasheet
(mainly Vio and GBP). These performances are suitable for a number of applications that
need to be rail-to-rail.
The devices are designed to prevent phase reversal.
5.3
Input offset voltage drift over temperature
The maximum input voltage drift over the temperature variation is defined as the offset
variation related to the offset value measured at 25 °C. The operational amplifier is one of
the main circuits of the signal conditioning chain, and the amplifier input offset is a major
contributor to the chain accuracy. The signal chain accuracy at 25 °C can be compensated
during production at application level. The maximum input voltage drift over temperature
enables the system designer to anticipate the effects of temperature variations.
The maximum input voltage drift over temperature is computed using Equation 1.
Equation 1
Where T = -40 °C and 125 °C.
The datasheet maximum value is guaranteed by measurements on a representative
sample size ensuring a Cpk (process capability index) greater than 2.
∆V
io
∆T
ma x
V
io T
V
io 25
–
T
25 °C
–
=
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com