Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX9291 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSX9291
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9291 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSX9291 Datasheet HTML 7Page - STMicroelectronics TSX9291 Datasheet HTML 8Page - STMicroelectronics TSX9291 Datasheet HTML 9Page - STMicroelectronics TSX9291 Datasheet HTML 10Page - STMicroelectronics TSX9291 Datasheet HTML 11Page - STMicroelectronics TSX9291 Datasheet HTML 12Page - STMicroelectronics TSX9291 Datasheet HTML 13Page - STMicroelectronics TSX9291 Datasheet HTML 14Page - STMicroelectronics TSX9291 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
DocID024568 Rev 4
11/31
TSX9291, TSX9292
Electrical characteristics
31
Figure 2. Supply current vs. supply voltage
Figure 3. Distribution of input offset voltage at
VCC = 4.5 V
0.0
0.0
2.0
4.0
4.0
6.0
8.0
8.0
10.0 12.0
12.0 14.0 16.0
16.0
0.0
0.0
0.6
1.2
1.2
1.8
2.4
2.4
3.0
3.6
3.6
T=-40°C
V
ICM=VCC/2
T=125°C
T=25°C
Supply voltage (V)
- 3
- 2
- 1
0
1
2
3
05
1 0
1 5
2 0
2 5
3 0
D i s t r i b u t i o n o f V i o
V c c = 4 . 5 V , V i c m = 2 . 2 5 V
I n p u t O f f s e t V o l t a g e
m V
Figure 4. Distribution of input offset voltage at
VCC = 16 V
Figure 5. Input offset voltage vs. temperature at
VCC = 16 V
- 3
- 2
- 1
0
1
2
3
05
1 0
1 5
2 0
2 5
3 0
D i s t r i b u t i o n o f V i o
V c c = 1 6 V , V i c m = 8 V
I n p u t o f f s e t v o l t a g e
m V
-40
-40
-20
-20
0020
20
40
40
60
60
80
80
100
100
120
120
-5
-5
-3
00
3
55
Vcc=16V, Vicm=8V
Temperature (°C)
Figure 6. Distribution of input offset voltage
drift over temperature
Figure 7. Input offset voltage vs. common mode
voltage at VCC = 4 V
- 7
- 6
- 5
- 4
- 3
- 2
- 1
0
05
1 0
1 5
2 0
2 5
Δ
V i o /
Δ
T
V c c = 1 6 V , V i c m = 8 V
Δ
V i o /
Δ
T
µ V / ° C
0.0
0.0 0.3 0.5
0.5 0.8 1.0
1.0 1.3 1.5
1.5 1.8 2.0
2.0 2.3 2.5
2.5 2.8 3.0
3.0 3.3 3.5
3.5 3.8 4.0
4.0
-2.0
-2.0
-1.8
-1.5
-1.5
-1.3
-1.0
-1.0
-0.8
-0.5
-0.5
-0.3
0.0
0.0
0.3
0.5
0.5
0.8
1.0
1.0
T=25°C
T=-40°C
T=125°C
Vcc=4V
Common mode voltage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com