Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX9291 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSX9291
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9291 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSX9291 Datasheet HTML 8Page - STMicroelectronics TSX9291 Datasheet HTML 9Page - STMicroelectronics TSX9291 Datasheet HTML 10Page - STMicroelectronics TSX9291 Datasheet HTML 11Page - STMicroelectronics TSX9291 Datasheet HTML 12Page - STMicroelectronics TSX9291 Datasheet HTML 13Page - STMicroelectronics TSX9291 Datasheet HTML 14Page - STMicroelectronics TSX9291 Datasheet HTML 15Page - STMicroelectronics TSX9291 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Electrical characteristics
TSX9291, TSX9292
12/31
DocID024568 Rev 4
Figure 8. Input offset voltage vs. common mode
voltage at VCC = 16 V
Figure 9. Output current vs. output voltage at
VCC = 4 V
0.0
0.0
1.5
3.0
3.0
4.5
6.0
6.0
7.5
9.0
9.0
10.5
12.0
12.0
13.5
15.0
15.0
-3.0
-2.4
-2.4
-1.8
-1.2
-1.2
-0.6
0.0
0.0
0.6
1.2
1.2
1.8
T=25°C
T=-40°C
T=125°C
Vcc=16V
Common mode voltage(V)
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
2.5
3.0
3.0
3.5
4.0
4.0
-30
-20
-20
-10
00
10
20
20
30
Vcc=4V
T=-40°C
T=25°C
Sink
Vid=-1V
T=125°C
Source
Vid=1V
Output Voltage (V)
Figure 10. Output current vs. output voltage at
VCC = 10 V
Figure 11. Output current vs. output voltage at
VCC = 16 V
0.0
0.0 1.0 2.0
2.0 3.0 4.0
4.0 5.0 6.0
6.0 7.0 8.0
8.0 9.0 10.0
10.0
-75
-50
-50
-25
00
25
50
50
Vcc=10V
T=-40°C
T=25°C
Sink
Vid=-1V
T=125°C
Source
Vid=1V
Output Voltage (V)
0.0
0.0
2.5
5.0
5.0
7.5
10.0
10.0
12.5
15.0
15.0
-75
-50
-50
-25
00
25
50
50
Vcc=16V
T=-40°C
T=25°C
Sink
Vid=-1V
T=125°C
Source
Vid=1V
Output Voltage (V)
Figure 12. Output rail linearity
Figure 13. Open loop gain vs. frequency
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
14.8
14.8
15.0
15.0
15.2
15.2
15.4
15.4
15.6
15.6
15.8
15.8
16.0
16.0
Rl=10kΩ
Vcc=16V
G=2
T=25°C
Rl=2kΩ
Input voltage (V)
0.01
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100
120
140
-360
-320
-280
-240
-200
-160
-120
-80
-40
0
40
80
120
160
200
240
280
320
360
Frequency (kHz)
Gain
Phase
Vcc=16V, Vicm=8V,
Rl=10kΩ, Cl=20pF, VRl=Vcc/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com