Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX9291 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSX9291
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9291 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSX9291 Datasheet HTML 11Page - STMicroelectronics TSX9291 Datasheet HTML 12Page - STMicroelectronics TSX9291 Datasheet HTML 13Page - STMicroelectronics TSX9291 Datasheet HTML 14Page - STMicroelectronics TSX9291 Datasheet HTML 15Page - STMicroelectronics TSX9291 Datasheet HTML 16Page - STMicroelectronics TSX9291 Datasheet HTML 17Page - STMicroelectronics TSX9291 Datasheet HTML 18Page - STMicroelectronics TSX9291 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
DocID024568 Rev 4
15/31
TSX9291, TSX9292
Electrical characteristics
31
Figure 26. Desaturation time
Figure 27. Peaking close loop with different Rl
0
2µ
4µ
6µ
8µ
10µ
12µ
14µ
16µ
18µ
20µ
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-15
-10
-5
0
5
10
15
Time (s)
Input Signal
Vcc=16V, Vicm=8V, G=11
Rl=10kΩ, Cl=20pF
1k
10k
100k
1M
10M
-30
-20
-10
0
10
20
Rl=2kΩ
Vcc=4.5V to 16V
Vicm=Vcc/2
Rf=Rg=1kΩ
Gain=-1
Cl=20pF
Rl=10kΩ
Frequency (Hz)
Figure 28. Output impedance vs frequency in
close loop configuration
Figure 29. Noise vs. frequency with 16 V
supply voltage
100
1k
10k
100k
1M
10M
0.01
0.1
1
10
100
1000
Vcc=16V
Vicm=8V
Osc level=30mV
RMS
G=1
Ta=25°C
Frequency (Hz)
10
100
1k
10k
0
100
200
300
400
500
600
Frequency (Hz)
Vicm=15.5V
Vicm=0.5V
Vicm=8V
Vcc=16V
T=25°C
Figure 30. 0.1 to 10 Hz noise with 16 V
supply voltage
Figure 31. THD+N vs. frequency at VCC = 16 V
0
2
468
10
-6
-4
-2
0
2
4
6
Vcc=16V
Vicm=8V
T=25°C
Time (s)
100
1k
10k
100k
10
-4
10
-3
10
-2
10
-1
Rl=2kΩ
Vcc=16V
Vicm=Vcc/2
Vin=2Vrms
Gain=2
BW=80kHz
Rl=600Ω
Rl=10kΩ
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com