Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX9291ILT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSX9291ILT
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9291ILT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSX9291ILT Datasheet HTML 12Page - STMicroelectronics TSX9291ILT Datasheet HTML 13Page - STMicroelectronics TSX9291ILT Datasheet HTML 14Page - STMicroelectronics TSX9291ILT Datasheet HTML 15Page - STMicroelectronics TSX9291ILT Datasheet HTML 16Page - STMicroelectronics TSX9291ILT Datasheet HTML 17Page - STMicroelectronics TSX9291ILT Datasheet HTML 18Page - STMicroelectronics TSX9291ILT Datasheet HTML 19Page - STMicroelectronics TSX9291ILT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Electrical characteristics
TSX9291, TSX9292
16/31
DocID024568 Rev 4
Figure 34. Crosstalk vs. frequency between operators on TSX9292 at VCC = 16 V
Figure 32. THD+N vs. output voltage at
VCC = 16 V
Figure 33. Power supply rejection ratio (PSRR)
vs. frequency
0.1
1
10
10
-4
10
-3
10
-2
10
-1
10
0
Rl=600Ω
Vcc=16V
Vicm=Vcc/2
f=1kHz
Gain=2
BW=22kHz
Rl=2kΩ
Rl=10kΩ
Output Voltage (Vrms)
100
1k
10k
100k
1M
0
-20
-40
-60
-80
-100
-120
-PSRR
+PSRR
Vcc=16V, Vicm=8V, G=1
Rl=10kΩ, Cl=20pF, Vripple=100mVpp
Frequency (Hz)
1k
10k
100k
1M
10M
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
Ch2 to Ch1
Ch1 to Ch2
Vcc=16V
Vicm=Vcc/2
Rl=10kΩ
Cl=20pF
Vout=3.5Vrms
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com