Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX9291ILT Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSX9291ILT
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9291ILT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSX9291ILT Datasheet HTML 23Page - STMicroelectronics TSX9291ILT Datasheet HTML 24Page - STMicroelectronics TSX9291ILT Datasheet HTML 25Page - STMicroelectronics TSX9291ILT Datasheet HTML 26Page - STMicroelectronics TSX9291ILT Datasheet HTML 27Page - STMicroelectronics TSX9291ILT Datasheet HTML 28Page - STMicroelectronics TSX9291ILT Datasheet HTML 29Page - STMicroelectronics TSX9291ILT Datasheet HTML 30Page - STMicroelectronics TSX9291ILT Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Ordering information
TSX9291, TSX9292
30/31
DocID024568 Rev 4
6
Ordering information
7
Revision history
Table 11. Order codes
Order code
Temperature
range
Package
Packing
Marking
TSX9291ILT
-40° C to +125° C
SOT23-5
Tape and reel
K28
TSX9291IYLT(1)
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
K209
TSX9292IQ2T
DFN8 2x2
K28
TSX9292IST
MiniSO8
TSX9292IDT
SO8
TSX9292I
TSX9292IYDT(1)
SX9292IY
Table 12. Document revision history
Date
Revision
Changes
24-Apr-2013
1
Initial release
01-Jul-2013
2
Added the dual version op-amp (TSX9292) and updated
the datasheet accordingly.
Added the silhouettes, pin connections, and package
information for DFN8 2x2, MiniSO8, and SO8; updated
Table 2.
Added Figure 34.
10-Dec-2013
3
Added long-term input offset voltage drift parameter in
Table 4, Table 5, and Table 6.
Added Section 4.5: Input offset voltage drift over
temperature in Section 4: Application information.
Added Section 4.6: Long-term input offset voltage drift
in Section 4: Application information.
Corrected Figure 15: Bode diagram vs. temperature for
VCC = 10 V.
28-Apr-2014
4
Table 4, Table 5, and Table 6: updated phase margin
condition for the gain parameter.
Section 4.3: Input pin voltage range: added information
concerning an Rs resistor; updated Figure 35.
Table 11: updated markings of order codes
TSX9291IYLT and TSX9291IQ2T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com