Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX9291ILT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSX9291ILT
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9291ILT Datasheet(HTML) 5 Page - STMicroelectronics

  TSX9291ILT Datasheet HTML 1Page - STMicroelectronics TSX9291ILT Datasheet HTML 2Page - STMicroelectronics TSX9291ILT Datasheet HTML 3Page - STMicroelectronics TSX9291ILT Datasheet HTML 4Page - STMicroelectronics TSX9291ILT Datasheet HTML 5Page - STMicroelectronics TSX9291ILT Datasheet HTML 6Page - STMicroelectronics TSX9291ILT Datasheet HTML 7Page - STMicroelectronics TSX9291ILT Datasheet HTML 8Page - STMicroelectronics TSX9291ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DocID024568 Rev 4
5/31
TSX9291, TSX9292
Electrical characteristics
31
3
Electrical characteristics
Table 4. Electrical characteristics at VCC+ = +4.5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and
RL = 10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = 2 V
Tmin < Top < Tmax
4
5
mV
ΔVio/ΔT Input offset voltage drift
2
10
μV/°C
ΔVio
Long-term input offset
voltage drift(1)(2)
TSX9291
TSX9292
6
9
Iib
Input bias current
Vout = VCC/2
Tmin < Top < Tmax
10
100
200
pA
Iio
Input offset current
Vout = VCC/2
Tmin < Top < Tmax
10
100
200
RIN
Input resistance
1
T
Ω
CIN
Input capacitance
8
pF
CMR
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
Vicm = -0.1 V to 2 V, VOUT = VCC/2
Tmin < Top < Tmax
Vicm = -0.1 V to 4.6 V, VOUT = VCC/2
Tmin < Top < Tmax
61
59
59
57
82
72
dB
Avd
Large signal voltage gain
RL= 2 kΩ, Vout = 0.3 V to 4.2 V
Tmin < Top < Tmax
RL= 10 kΩ, Vout = 0.2 V to 4.3 V
Tmin < Top < Tmax
100
90
100
90
108
112
VOH
High level output voltage
RL= 2 kΩ to VCC/2
Tmin < Top < Tmax
RL= 10 kΩ to VCC/2
Tmin < Top < Tmax
50
10
80
100
16
20
mV
from
VCC+
VOL
Low level output voltage
RL= 2 kΩ to VCC/2
Tmin < Top < Tmax
RL= 10 kΩ to VCC/2
Tmin < Top < Tmax
42
9
80
100
16
20
mV
Iout
Isink
Vout = 4.5 V
Tmin < Top < Tmax
16
13
21
mA
Isource
Vout = 0 V
Tmin < Top < Tmax
16
13
21
ICC
Supply current
(per amplifier)
No load, Vout = VCC/2
Tmin < Top < Tmax
2.9
3.4
3.5
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 20 pF, G = 20 dB
15.6
MHz
FU
Unity gain frequency
RL = 10 kΩ, CL = 20 pF
14.2
nV
month
---------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com