Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IQ2T Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSZ182IQ2T
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IQ2T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSZ182IQ2T Datasheet HTML 3Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 4Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 5Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 6Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 7Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 8Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 9Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 10Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TSZ182
Electrical characteristics
DocID029836 Rev 1
7/39
Table 4: Electrical characteristics at VCC+ = 3.3 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and
RL = 10
kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
2
30
µV
-40 °C < T< 125 °C
40
ΔVio/ΔT
Input offset voltage drift (1)
-40 °C < T< 125 °C
0.1
µV/°C
Iib
Input bias current (Vout = VCC/2)
T = 25 °C
30
200 (2)
pA
-40 °C < T< 125 °C
300 (2)
Iio
Input offset current (Vout = VCC/2)
T = 25 °C
60
400 (2)
-40 °C < T< 125 °C
600 (2)
CMR1
Common mode rejection ratio,
20 log (ΔVicm/ΔVio), Vout = VCC//2,
RL > 1
MΩ
Vic = 0 V to VCC,
T = 25 °C
104
120
dB
Vic = 0 V to VCC,
-40 °C < T< 125 °C
102
CMR2
Common mode rejection ratio,
20 log (ΔVicm/ΔVio), Vout = VCC//2,
RL > 1
MΩ
Vic = 0 V to VCC - 1.8 V,
T = 25 °C
106
132
Vic = 0 V to VCC - 2 V,
-40 °C < T< 125 °C
106
Avd
Large signal voltage gain,
Vout = 0.5 V to (Vcc - 0.5 V)
T = 25 °C
120
138
-40 °C < T< 125 °C
110
VOH
High-level output voltage, VOH = Vcc - Vout
T = 25 °C
16
40
mV
-40 °C < T< 125 °C
70
VOL
Low-level output voltage
T = 25 °C
11
30
-40 °C < T< 125 °C
70
Iout
Isink (Vout = VCC)
T = 25 °C
10
15
mA
-40 °C < T< 125 °C
7.5
Isource (Vout = 0 V)
T = 25 °C
6
11
-40 °C < T< 125 °C
4
ICC
Supply current
(per channel, Vout = VCC/2, RL > 1
MΩ)
T = 25 °C
0.7
1
mA
-40 °C < T< 125 °C
1.2
AC performance
GBP
Gain bandwidth product
T = 25 °C, RL = 10
kΩ,
CL = 100 pF
2
2.8
MHz
-40 °C < T< 125 °C,
RL = 10
kΩ, CL = 100 pF
1.6
Φm
Phase margin
RL = 10
kΩ, CL = 100 pF
56
degrees
Gm
Gain margin
15
dB
SR
Slew rate (3)
T = 25 °C
2.6
4.5
V/µs
-40 °C < T< 125 °C
2.1
ts
Settling time
To 0.1%, Vin = 1.2 Vpp
550
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com