Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IQ2T Datasheet(PDF) 37 Page - STMicroelectronics

Part # TSZ182IQ2T
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IQ2T Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TSZ182IQ2T Datasheet HTML 31Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 32Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 33Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 34Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 35Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 36Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 37Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 38Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
TSZ182
Ordering information
DocID029836 Rev 1
37/39
7
Ordering information
Table 9: Order codes
Order code
Temperature range
Package
Packaging
Marking
TSZ182IQ2T
-40 to 125 °C
DFN8 2x2
Tape and reel
K4G
TSZ182IST
MiniSO8
TSZ182IYST (1)
-40 to 125 °C, automotive grade
K420
Notes:
(1)Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com