Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IQ2T Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSZ182IQ2T
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IQ2T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSZ182IQ2T Datasheet HTML 9Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 10Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 11Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 12Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 13Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 14Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 15Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 16Page - STMicroelectronics TSZ182IQ2T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TSZ182
Electrical characteristic curves
DocID029836 Rev 1
13/39
Figure 14: Input offset voltage vs temperature
Figure 15: VOH vs supply voltage
Figure 16: VOL vs supply voltage
Figure 17: Output current vs output voltage at
VCC = 5.5 V
Figure 18: Output current vs output voltage at
VCC = 2.2 V
Figure 19: Input bias current vs. common-mode at
VCC = 5 V
Vcc=5V
T=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com