Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF Datasheet(PDF) 7 Page - STMicroelectronics

Part # USBUF
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button USBUF Datasheet HTML 3Page - STMicroelectronics USBUF Datasheet HTML 4Page - STMicroelectronics USBUF Datasheet HTML 5Page - STMicroelectronics USBUF Datasheet HTML 6Page - STMicroelectronics USBUF Datasheet HTML 7Page - STMicroelectronics USBUF Datasheet HTML 8Page - STMicroelectronics USBUF Datasheet HTML 9Page - STMicroelectronics USBUF Datasheet HTML 10Page - STMicroelectronics USBUF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID7041 Rev 8
7/13
USBUF
Technical information
13
Figure 8. Remaining voltage at both stages S1 (Vinput) and S2 (Voutput) during ESD
surge
Please note that the USBUF is not only acting for positive ESD surges but also for negative
ones. For these kinds of disturbances it clamps close to ground voltage as shown in Figure
8. (negative surge.
2.4
Latch-up phenomenon
The early aging and destruction of IC’s is often due to latch-up phenomenon which is mainly
induced by dV/dt. Thanks to its structure, the USBUF provides a high immunity to latch-up
phenomenon by smoothing very fast edges.
2.5
Crosstalk behavior
Figure 9. Crosstalk phenomenon
The crosstalk phenomenon is due to the coupling between 2 lines. The coupling factor (
β12
or
β21) increases when the gap across lines decreases, particularly in silicon dice. In the
example above the expected signal on load RL2 is α2VG2, in fact the real voltage at this
point has got an extra value
β21VG1. This part of the VG1 signal represents the effect of the
crosstalk phenomenon of the line 1 on the line 2. This phenomenon has to be taken into
account when the drivers impose fast digital data or high frequency analog signals in the
disturbing line. The perturbed line will be more affected if it works with low voltage signal or
high load impedance (few k
Ω).
Vin
Vout
Vin
Vout
Positive surge
Negative surge
Line 1
Line 2
VG1
VG2
RG1
RG2
DRIVERS
RL1
RL2
RECEIVERS
αβ
1
G1
1 2
G2
V+
V
αβ
2
G2
2 1
G1
V+
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com