Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF Datasheet(PDF) 12 Page - STMicroelectronics

Part # USBUF
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button USBUF Datasheet HTML 5Page - STMicroelectronics USBUF Datasheet HTML 6Page - STMicroelectronics USBUF Datasheet HTML 7Page - STMicroelectronics USBUF Datasheet HTML 8Page - STMicroelectronics USBUF Datasheet HTML 9Page - STMicroelectronics USBUF Datasheet HTML 10Page - STMicroelectronics USBUF Datasheet HTML 11Page - STMicroelectronics USBUF Datasheet HTML 12Page - STMicroelectronics USBUF Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
USBUF
12/13
DocID7041 Rev 8
4
Ordering information
5
Revision history
Table 6. Order code
Order code
Marking
Package
Weight
Base qty
Delivery mode
USBUF01W6
UU1
SOT323-6L
5.4 mg
3000
Tape and reel
USBUF02W6
UU2
SOT323-6L
5.4 mg
3000
Tape and reel
Table 7. Document revision history
Date
Revision
Description of Changes
Mar-2002
3A
Last update.
Feb-2005
4
Layout update. No content change.
28-Feb-2006
5
Operating temperature range updated to -40 to 70° C.
Layout updated to current standard.
27-May-2009
6
Reformatted to the current standard.
14-Jan-2014
7
Updated Section 3: Packaging information
24-Aug-2015
8
Updated Top parameter in Table 2.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com