Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF Datasheet(PDF) 8 Page - STMicroelectronics

Part # USBUF
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button USBUF Datasheet HTML 4Page - STMicroelectronics USBUF Datasheet HTML 5Page - STMicroelectronics USBUF Datasheet HTML 6Page - STMicroelectronics USBUF Datasheet HTML 7Page - STMicroelectronics USBUF Datasheet HTML 8Page - STMicroelectronics USBUF Datasheet HTML 9Page - STMicroelectronics USBUF Datasheet HTML 10Page - STMicroelectronics USBUF Datasheet HTML 11Page - STMicroelectronics USBUF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Technical information
USBUF
8/13
DocID7041 Rev 8
Figure 10. gives the measurement circuit for the analog crosstalk application. In Figure 11.,
the curve shows the effect of the D+ cell on the D-cell. In usual frequency range of analog
signals (up to 100 MHz) the effect on disturbed line is less than -37 db.
Figure 12. Digital crosstalk measurements configuration
Figure 12 shows the measurement circuit used to quantify the crosstalk effect in a classical
digital application.
Figure 13. Digital crosstalk results
Figure 13 shows, with a signal from 0 to 5 V and rise time of few ns, the impact on the
disturbed line is less than 250 mV peak to peak. No data disturbance was noted on the
other line.The measurements performed with falling edges gives an impact within the same
range.
Figure 10. Analog crosstalk
measurements
Figure 11. Typical analog crosstalk
results
Vg
50
Ω
50
Ω
TEST BOARD
UUx
1
10
100
1,000
-100
-80
-60
-40
-20
0
Frequency (MHz)
Analog crosstalk (dB)
D+
D-
VG1
VG1
+5V
+5V
74HC04
+5V
Square
Pulse
Generator
74HC04
β21
3.3 V
Rp
Ct
Rt
Ct
Rt
D1
Gnd
D2
D4
D3
3.3 V
VG1
β21 G1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com